Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8007 Datasheet(PDF) 7 Page - Christian Bürkert GmbH & Co. KG

Part # 8007
Description  Flowmeter for gases
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

8007 Datasheet(HTML) 7 Page - Christian Bürkert GmbH & Co. KG

Back Button 8007 Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG 8007 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 8007 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 8007 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 8007 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 8007 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 8007 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 8007 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG 8007 Datasheet HTML 10Page - Christian Bürkert GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Type 8007
7 | 10
Visit product website 
5.
Product installation
5.1. Mounting options
Note:
In order to get the accuracy specified in the data sheets, the sensor must be inserted in the centre of a straight pipe section with an
undisturbed gas stream.
To obtain an undisturbed gas stream the sections in front of and behind the sensor must be straight, long enough and without any
obstructions such as edges, seams, curves etc.
Careful attention must be paid to the design of the outlet section as obstructions can cause counter-flow turbulences as well as
turbulences in the direction of the flow.
Installation in pipes at pressures > 10 bar requires a high pressure safety device.
5.2. Installation notes
Note:
In order to maintain the accuracies specified in the data sheets, the sensor must be inserted centrally in a straight piece of pipe at a
point with undisturbed flow.
45 x DN 5 x DN
35 x DN 5 x DN
20 x DN 5 x DN
15 x DN 5 x DN
15 x DN 5 x DN
15 x DN 5 x DN
Control valve
2 × 90°
elbow joint
3 dimensional
2 × 90°
elbow joint
90° elbow joint
or T-piece
Pipe diameter
expansion
Pipe diameter
reduction
DN = pipe diameter
Flow direction 



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com