Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8007 Datasheet(PDF) 1 Page - Christian Bürkert GmbH & Co. KG

Part # 8007
Description  Flowmeter for gases
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

8007 Datasheet(HTML) 1 Page - Christian Bürkert GmbH & Co. KG

  8007 Datasheet HTML 1Page - Christian Bürkert GmbH & Co. KG 8007 Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG 8007 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 8007 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 8007 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 8007 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 8007 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 8007 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 8007 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Visit product website 
DATA SHEET
Type 3280
2-way motor valve
Type 3285
2/2 way Proportional
Valve (motor-driven)
Type 8611
eCONTROL - Universal
controller
Type 8802
ELEMENT continuous
control valve systems -
overview
1000196000 | Standard | EU | en | 202106 | 12
Flowmeter for gases
• Depth scale for accurate installation in existing pipes
• Usable in pipes from ½" up to 12" (DN 300)
• Easy installation under pressure
• Integrated Display
• Standard and Heavy Duty version available
This flowmeter series is made for the measurement of especially large flow
rates and use the calorimetric measuring principle. A heated sensor element
is cooled down by the gas flow. This cooling effect which depends on the
flow velocity and the gas characteristics serves as a flow indication, the kind
of cooling directly depends on the flow velocity and the kind of gas. This kind
of mass flow measurement is independent of pressure and temperature. The
flowmeter can be used for monitoring air supplies, but also qualifies for the
measurement of other gases, see technical data.
Type 8007 is available in two versions: - Standard - Heavy Duty (with a robust
aluminium die casting electronics housing).
In the Heavy Duty version the sensor is encapsulated in stainless steel.
Product variants described in the data sheet may differ from the product presentation and description.
Type description
Can be combined with
Type 8007
© Christian Bürkert GmbH & Co. KG, Subject to alteration


Similar Part No. - 8007

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8007 FILTRAN-8007 Datasheet
200Kb / 1P
T1/CEPT Extended Temperature Range SMD Dual Line Interface Module
logo
VECTOR ELECTRONICS AND ...
8007 VECTOR-8007 Datasheet
277Kb / 4P
Prototyping Boards (Circbord®)
logo
RAF ELECTRONIC HARDWARE
8007-256-A RAF-8007-256-A Datasheet
117Kb / 1P
ROUND INTERNAL THREAD HANDLE
8007-256-SS RAF-8007-256-SS Datasheet
117Kb / 1P
ROUND INTERNAL THREAD HANDLE
logo
List of Unclassifed Man...
80070 ETC2-80070 Datasheet
211Kb / 1P
Wiha Quality Tools Dead Blow and Sledge Hammers
More results

Similar Description - 8007

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
AWM720P1 SENSORTECHNICS-AWM720P1 Datasheet
81Kb / 4P
Mass flow sensor for gases
AWM2150V SENSORTECHNICS-AWM2150V Datasheet
172Kb / 6P
Mass flow sensor for gases
AWM3150V SENSORTECHNICS-AWM3150V Datasheet
205Kb / 6P
Mass flow sensor for gases
AWM42300V SENSORTECHNICS-AWM42300V Datasheet
198Kb / 6P
Mass flow sensor for gases
AWM43300V SENSORTECHNICS-AWM43300V Datasheet
109Kb / 4P
Mass flow sensor for gases
AWM92100V SENSORTECHNICS-AWM92100V Datasheet
162Kb / 6P
Mass flow sensor for gases
FBAM030DU SENSORTECHNICS-FBAM030DU Datasheet
101Kb / 5P
Mass flow sensors for gases
FBOM030DB SENSORTECHNICS-FBOM030DB Datasheet
178Kb / 6P
Mass flow sensors for gases
FDUM200DB SENSORTECHNICS-FDUM200DB Datasheet
163Kb / 6P
Mass flow sensors for gases
FHAL200DU SENSORTECHNICS-FHAL200DU Datasheet
88Kb / 4P
Mass flow sensors for gases
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com