Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8137 Datasheet(PDF) 11 Page - Christian Bürkert GmbH & Co. KG

Part # 8137
Description  Radar level meter for higher pressure ranges
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

8137 Datasheet(HTML) 11 Page - Christian Bürkert GmbH & Co. KG

Back Button 8137 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 8137 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 8137 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 8137 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 8137 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 8137 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG 8137 Datasheet HTML 10Page - Christian Bürkert GmbH & Co. KG 8137 Datasheet HTML 11Page - Christian Bürkert GmbH & Co. KG 8137 Datasheet HTML 12Page - Christian Bürkert GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
Type 8137
11 | 12
Visit product website 
Further versions on request
Process connection
Flange:
• DN 80 PN 40 Form C DIN 2501
• DN 150 PN 40 Form C DIN 2501
• DN 200 PN 40 Form C DIN 2501
• 3" 150 lb RF; ANSI B16.5
• 6" 150 lb RF; ANSI B16.5
• 8" 150 lb RF; ANSI B16.5
Additional
Antenna Ø 48 mm, 95 mm
Temperature
Up to + 450 °C
5
bar
0
Pressure
Up to 160 bar (16000 kPa)
7.4. Ordering chart accessories
Description
Article no.
Set with 2 reductions M20 x 1.5/NPT½ + 2 neoprene flat seals for cable gland + 2 screw-plugs M20 x 1.5
551782 
Hart-USB Modem
560177 
Set with a display/configuration module, a transparent cover and a seal ring
559279 
Set with a transparent cover and a seal ring
561006 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com