Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8137 Datasheet(PDF) 1 Page - Christian Bürkert GmbH & Co. KG

Part # 8137
Description  Radar level meter for higher pressure ranges
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

8137 Datasheet(HTML) 1 Page - Christian Bürkert GmbH & Co. KG

  8137 Datasheet HTML 1Page - Christian Bürkert GmbH & Co. KG 8137 Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG 8137 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 8137 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 8137 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 8137 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 8137 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 8137 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 8137 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Visit product website 
DATA SHEET
Type 8635
Digital electropneumat-
ic Positioner SideCon-
trol
Type 8692
Digital electropneu-
matic Positioner for the
integrated mounting on
process control valves
Type 8644
Remote Process Actu-
ation Control System
AirLINE
1000105438 | Standard | EU | en | 202109 | 12
Radar level meter for higher pressure ranges
• For level measurement up to 35 m
• 4...20 mA/Hart, 2 wires
• Adjustable with display/configuration module or PC
• ATEX approvals
Type 8137 is a non-contact radar level meter for continuous level measure-
ment.
The unit is available in two variants:
• with thread and horn antenna (ø 40 mm).
Particularly suitable for use in small tanks and process vessels for the level
measurement of practically any product.
• with flange and horn antenna (ø 40 or 75 mm).
Particularly suitable for use in storage tanks and process vessels for the
level measurement of products such as solvents, hydrocarbons and fuels
under extremely difficult process conditions.
Product variants described in the data sheet may differ from the product presentation and description.
Type description
Can be combined with
Type 8137
© Christian Bürkert GmbH & Co. KG, Subject to alteration


Similar Part No. - 8137

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
8137-AB3-D-B UTC-8137-AB3-D-B Datasheet
201Kb / 6P
POWER RESET IC
8137-AB3-D-K UTC-8137-AB3-D-K Datasheet
201Kb / 6P
POWER RESET IC
8137-AB3-D-R UTC-8137-AB3-D-R Datasheet
201Kb / 6P
POWER RESET IC
8137-AE3-D-B UTC-8137-AE3-D-B Datasheet
201Kb / 6P
POWER RESET IC
8137-AE3-D-K UTC-8137-AE3-D-K Datasheet
201Kb / 6P
POWER RESET IC
More results

Similar Description - 8137

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB1405 SANYO-LB1405 Datasheet
183Kb / 8P
Level Meter
LB1408 SANYO-LB1408 Datasheet
65Kb / 3P
Level Meter?
LB1409 SANYO-LB1409 Datasheet
57Kb / 4P
Level Meter Driver for 9 LEDs
LB1410 SANYO-LB1410 Datasheet
119Kb / 3P
Level Meter?
LB1411 SANYO-LB1411 Datasheet
66Kb / 3P
Level Meter?
LB1412 SANYO-LB1412 Datasheet
71Kb / 5P
Level Meter Driver for 12 LEDs
LB1412M SANYO-LB1412M Datasheet
72Kb / 5P
Level Meter for 12 LEDs
LB1416 SANYO-LB1416 Datasheet
138Kb / 4P
Level Meter?
logo
rfsolutions.ltd
SM1 RFSOLUTIONS-SM1 Datasheet
705Kb / 2P
Sound level meter
logo
All Sensors Corporation
SPM402 ASC-SPM402 Datasheet
728Kb / 3P
Piezoresistive Silicon Pressure Sensor for medium pressure ranges
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com