Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD080 Datasheet(PDF) 1 Page - Sensata Technologies, Inc.

Part # CD080
Description  ANALOG OUTPUT DRAW-WIRE – MEASUREMENT RANGE 0 UP TO 2000 MM
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.

CD080 Datasheet(HTML) 1 Page - Sensata Technologies, Inc.

  CD080 Datasheet HTML 1Page - Sensata Technologies, Inc. CD080 Datasheet HTML 2Page - Sensata Technologies, Inc. CD080 Datasheet HTML 3Page - Sensata Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Page 1
www.sensata.com
Copyright © 2018 Sensata Technologies, Inc.
| CD080
ANALOG OUTPUT DRAW-WIRE – MEASUREMENT RANGE 0 UP TO 2000 MM
SPECIFICATIONS
CABLE FORCES
Measurement range
0 up to 2000 mm
Output signal
0...10V (galvanic isolation)
4...20mA current loop
4...20mA current generator (galvanic isolation)
0...20mA current generator (galvanic isolation)
Resolution
Quasi infinite (depends on the operating system)
Material
Body and cover - aluminum (RohS)
Measuring cable – Stainless steel
Cable diameter
0,60 mm
Detection element
Precision potentiometer
Connection
Male connector M16 – DIN 8 pin
Male connector M12 – 4 pin
PVC cable – 4 wires
Standard linearity
+/- 0,15% f.s.
+/- 0,10% f.s. (optional)
Protection class
IP54 (option IP67)
Max. Velocity
10 m/s
Max. Acceleration
8 m/s2 (before cable deformation)
Weight
≈ 1500 g
Operating temperature
-20° to +80°C
Storage temperature
-30° to +80°C
Measurement range in mm
2000
Min. pull-out force
≈ 8,00 N
Max. pull-out force
≈ 11,00 N


Similar Part No. - CD080

ManufacturerPart #DatasheetDescription
logo
Sensata Technologies, I...
CD080 SENSATA-CD080 Datasheet
247Kb / 3P
POTENTIOMETRIC OUTPUT DRAW-WIRE – MEASUREMENT RANGE 0 UP TO 2000 MM
Revised 0612/2020
CD080-2000-R01K-L10-C SENSATA-CD080-2000-R01K-L10-C Datasheet
247Kb / 3P
POTENTIOMETRIC OUTPUT DRAW-WIRE – MEASUREMENT RANGE 0 UP TO 2000 MM
Revised 0612/2020
CD080-2000-R01K-L10-K SENSATA-CD080-2000-R01K-L10-K Datasheet
247Kb / 3P
POTENTIOMETRIC OUTPUT DRAW-WIRE – MEASUREMENT RANGE 0 UP TO 2000 MM
Revised 0612/2020
CD080-2000-R01K-L10-K02 SENSATA-CD080-2000-R01K-L10-K02 Datasheet
247Kb / 3P
POTENTIOMETRIC OUTPUT DRAW-WIRE – MEASUREMENT RANGE 0 UP TO 2000 MM
Revised 0612/2020
CD080-2000-R01K-L10-L4 SENSATA-CD080-2000-R01K-L10-L4 Datasheet
247Kb / 3P
POTENTIOMETRIC OUTPUT DRAW-WIRE – MEASUREMENT RANGE 0 UP TO 2000 MM
Revised 0612/2020
More results

Similar Description - CD080

ManufacturerPart #DatasheetDescription
logo
Ralston Instruments.
GAUG-2000 RALSTON-GAUG-2000 Datasheet
336Kb / 1P
0-2000 psig Analog Test Gauge
logo
Tyco Electronics
1-1318120-3 MACOM-1-1318120-3 Datasheet
3Mb / 18P
D-2000 Series (Wire-to-Board, Wire-to-Panel and Wire-to-Wire)
D-2100S MACOM-D-2100S Datasheet
3Mb / 18P
D-2000 Series (Wire-to-Board, Wire-to-Panel and Wire-to-Wire)
logo
TT Electronics.
CGH TTELEC-CGH Datasheet
304Kb / 3P
100K ohm to 2000 megohm range
logo
WAGO Kontakttechnik Gmb...
753-550 WAGO-753-550 Datasheet
539Kb / 12P
2-channel analog output; 0 ... 10 VDC
750-552 WAGO-750-552 Datasheet
525Kb / 12P
2-channel analog output; 0 ??20 mA
753-553 WAGO-753-553 Datasheet
609Kb / 12P
4-channel analog output; 0 ??20 mA
logo
Maxim Integrated Produc...
MAX16946EVKIT MAXIM-MAX16946EVKIT Datasheet
567Kb / 8P
Analog Current-Measurement Output
Rev 0; 3/11
logo
Omron Electronics LLC
ES1C OMRON-ES1C Datasheet
852Kb / 8P
Achieve Superior Environmental Resistance and a Wide Measurement Range of 0 to 400°C.
logo
Veris. All Rights Reser...
H932 VERIS-H932 Datasheet
484Kb / 2P
Current Transducers with Relay:0 to 5 Vdc Analog Output
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com