Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AC4842R-R10K Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # AC4842R-R10K
Description  AC4842R Series – Air Coil Inductors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

AC4842R-R10K Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  AC4842R-R10K Datasheet HTML 1Page - Bourns Electronic Solutions AC4842R-R10K Datasheet HTML 2Page - Bourns Electronic Solutions AC4842R-R10K Datasheet HTML 3Page - Bourns Electronic Solutions AC4842R-R10K Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
AC4842R Series – Air Coil Inductors
Features
n
High Q value, self-resonant frequency
n
Tight tolerance
n
Epoxy cover for mechanical stability and
pick & place
n
Surface mount
n
RoHS compliant*
Applications
n
High frequency TV and radio receivers
n
Radio transmitters
n
RF amplifiers
n
Tuning applications
Additional Information
Click these links for more information:
PRODUCT
SELECTOR
TECHNICAL
LIBRARY
INVENTORY SAMPLES
CONTACT
Electrical Specifications @ 25 °C
Bourns
Part Number
Inductance
Q
Min.
Test
Frequency
(MHz)
DC
Resistance
(mW)
Max.
SRF
(GHz)
Min.
Rated
Current
(A)
Max.
L
(nH) Tol. (%)
AC4842R-22NK
22
10
100
150
4.2
3.2
3.0
AC4842R-27NK
27
4.0
2.7
3.5
AC4842R-33NK
33
4.8
2.5
3.0
AC4842R-39NK
39
4.4
2.1
3.0
AC4842R-47NK
47
5.6
2.1
3.0
AC4842R-56NK
56
6.2
1.5
3.0
AC4842R-68NK
68
8.2
1.5
2.5
AC4842R-82NK
82
9.4
1.3
2.5
AC4842R-R10K
100
12.3
1.2
1.7
AC4842R-R12K
120
17.3
1.1
1.5
AC4842R-R15K
150
33.0
0.75
1.2
Notes:
2 % tolerance is available. Replace “K” in the part number with “G”
5 % tolerance is available. Replace “K” in the part number with “J”
General Specifications
Operating Temperature
................................ -25 °C to +125 °C
Storage Temperature
.................................. -25 °C to +85 °C
Temperature Rise ...........................15 °C
Moisture Sensitivity Level......................1
ESD Classification (HBM)..................N/A
Electrical Schematic
Soldering Profile
Tp
Tsmax
25
Time 25 °C to Peak
Time
TL
Tc -5 °C
tp
tL
MAX. RAMP UP RATE = 3 °C/SEC.
MAX. RAMP DOWN RATE = 6 °C/SEC.
PREHEAT AREA
Tsmin
ts
REFLOW TIMES: 3 TIMES MAX.
Profile Feature
Pb Free Assembly
Preheat
- Temperature Min. (Tsmin)
- Temperature Max. (Tsmax)
- Time(ts) from Tsmin to Tsmax
150 °C
200 °C
60-120 seconds
Ramp-up Rate (TL to Tp)
3 °C/second max.
Liquidous temperature (TL)
Time (tL) maintained above TL
217 °C
60-150 seconds
Peak package body temperature (Tp)
260 °C
Time (tp) at Tc - 5 °C
(Tp should be equal to or less than Tc)
< 30 seconds
Ramp-Down Rate (Tp to TL)
6 °C/second max.
Time 25 °C to Peak Temperature
8 minutes max.
WARNING
Cancer and Reproductive Harm
www.P65Warnings.ca.gov
*RoHS Directive 2015/863, Mar 31, 2015 and Annex.
Specifications are subject to change without notice.
Users should verify actual device performance in their specific applications.
The products described herein and this document are subject to specific legal disclaimers as set forth on the last page of this document, and at www.bourns.com/docs/legal/disclaimer.pdf.
Materials
Wire ............................Enameled Copper
Cover.............................................Epoxy
Terminal ................................... Sn/Ag/Cu
Packaging.......1000 pcs. per 13-inch reel


Similar Part No. - AC4842R-R10K

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AC48304 ETC1-AC48304 Datasheet
65Kb / 2P
Voice over Packet Processor for Cilent Applications
AC4868-250M ETC2-AC4868-250M Datasheet
190Kb / 2P
THE FASTEST WAY TO WIRELESS
AC4868-250M-485 ETC2-AC4868-250M-485 Datasheet
190Kb / 2P
THE FASTEST WAY TO WIRELESS
AC487 ETC1-AC487 Datasheet
106Kb / 2P
10 TO 400 MHz TO-8 CASCADABLE AMPLIFIER
logo
Teledyne Technologies I...
AC487 TELEDYNE-AC487 Datasheet
175Kb / 2P
TO-8 CASCADABLE AMPLIFIER
More results

Similar Description - AC4842R-R10K

ManufacturerPart #DatasheetDescription
logo
Rhombus Industries Inc.
L-397 RHOMBUS-IND-L-397 Datasheet
19Kb / 1P
Air Coil
2/19/98
logo
WALSIN TECHNOLOGY CORPO...
WLQC WALSIN-WLQC Datasheet
280Kb / 9P
SMD Square Air Wound Coil Inductors
WQAC291A WALSIN-WQAC291A Datasheet
260Kb / 6P
SMD Air Wound Coil Inductors
WLQC1111 WALSIN-WLQC1111 Datasheet
258Kb / 7P
SMD Square Air Wound Coil Inductors
WLQC1515 WALSIN-WLQC1515 Datasheet
255Kb / 7P
SMD Square Air Wound Coil Inductors
WLQC2222 WALSIN-WLQC2222 Datasheet
262Kb / 7P
SMD Square Air Wound Coil Inductors
WLQC2929 WALSIN-WLQC2929 Datasheet
254Kb / 7P
SMD Square Air Wound Coil Inductors
WQAC292 WALSIN-WQAC292 Datasheet
283Kb / 6P
SMD Air Wound Coil Inductors
WQAC293 WALSIN-WQAC293 Datasheet
261Kb / 7P
SMD Air Wound Coil Inductors
WQAC294 WALSIN-WQAC294 Datasheet
243Kb / 7P
SMD Air Wound Coil Inductors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com