Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AC4842R-R10K Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # AC4842R-R10K
Description  AC4842R Series – Air Coil Inductors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

AC4842R-R10K Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  AC4842R-R10K Datasheet HTML 1Page - Bourns Electronic Solutions AC4842R-R10K Datasheet HTML 2Page - Bourns Electronic Solutions AC4842R-R10K Datasheet HTML 3Page - Bourns Electronic Solutions AC4842R-R10K Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
AC4842R Series – Air Coil Inductors
Product Dimensions
3.81
(.150)
MAX.
4.83
(.190)
MAX.
4.20
(.165)
MAX.
0 °
90 °
TINNED
LENGTH
0 °
30 °
± 5 °
1.53 ± 0.39
(.060 ± .015)
4.32 ± 0.39
(.170 ± .015)
Specifications are subject to change without notice.
Users should verify actual device performance in their specific applications.
The products described herein and this document are subject to specific legal disclaimers as set forth on the last page of this document, and at www.bourns.com/docs/legal/disclaimer.pdf.
DIMENSIONS:
MM
(INCHES)
Recommended Layout
DIMENSIONS:
MM
(INCHES)
1.48
(.058)
5.16
(.203)
2.62
(.103)
4.32
(.170)
Electrical Curves
250
200
150
100
50
0
10
100
INDUCTANCE VS. FREQUENCY
FREQUENCY (MHz)
1000
10000
120
68
39
22
300
250
200
150
100
50
0
10
100
TYPICAL Q VS. FREQUENCY
FREQUENCY (MHz)
1000
10000
120
56
47
82
22
How to Order
AC4842R - 22N K
Model
Value Code
(See Table)
Tolerance
K = 10 %
G = 2 %
J = 5 %



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com