Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3MP Datasheet(PDF) 1 Page - Sensata Technologies, Inc.

Part # 3MP
Description  Motor Protector / Thermal Cut-Out
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.

3MP Datasheet(HTML) 1 Page - Sensata Technologies, Inc.

  3MP Datasheet HTML 1Page - Sensata Technologies, Inc. 3MP Datasheet HTML 2Page - Sensata Technologies, Inc. 3MP Datasheet HTML 3Page - Sensata Technologies, Inc. 3MP Datasheet HTML 4Page - Sensata Technologies, Inc. 3MP Datasheet HTML 5Page - Sensata Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Page 1
www.sensata.com
Copyright © 2018 Sensata Technologies, Inc.
3MP
Motor Protector / Thermal Cut-Out
Design and Operating Principles
Introduction
Applications
The 3MP consists of a metal housing with an integrated terminal. The
housing holds the pre-set Klixon® snap action bimetal disc. The split
plate carries a resistive S-shaped wire which provides additional current
sensitivity. The advanced contact system - one on the bimetal disc and
one on the plate - in combination with the strong disc guarantees a
long life and reliable cycling. The combination of a variety of standard
terminal configurations and carefully selected materials provides easy
handling and mounting. Customized terminal configurations are available
on request. Wires including connectors can be automatically attached
to the standard crimp terminal. Sensata Technologies supplies a range
of standard lead configurations; customized solutions are available on
request. In construction where the 3MP device is contacting conductive
parts of the motor assembly, Sensata Technologies can deliver the devices
with a Mylar™ insulation sleeve. Customized coding and colouring of the
coding tape is an option on request.
The operating principle of the 3MP is both simple and effective. The
protector is actuated by current passing through it and by the heat
received from the surrounding parts. The electrical circuit is interrupted
when the disc reaches its pre-set temperature. As the device cools
down to a safe temperature, the contacts will automatically reset. The
bimetal disc provides excellent thermal and current sensitivity in an
overload situation. Under locked rotor conditions the integrated heater
in combination with the bimetal disc provide very accurate trip times for
maximum protection.
As world leader in appliance motor protection, Sensata Technologies has developed the 3MP for 120 and 250 Vac applications to operate in wider
temperatures and current ranges than offered by existing protection solutions. In providing consistent performance characteristics and excellent
reliability, its features anticipate future technical protection requirements on the AC motor market.
The 3MP is widely used throughout the world in electric motors for washing machines, dishwashers, dryers, vacuum cleaners and industrial applications in the
120 and 250 Vac applications. 3MP features permit to move the motor protector location outside the winding, providing the motor manufacturer extra flexibility
during the manufacturing process. The recent certification as a thermal cut-out device combined with its unique current sensitivity, positions the 3MP as an
advanced and cost effective solution to protect toroidal transformers.


Similar Part No. - 3MP

ManufacturerPart #DatasheetDescription
logo
Sensata Technologies, I...
3MP SENSATA-3MP Datasheet
233Kb / 3P
SELF-HOLD
Rev. 06/05/2024
3MP-SELF-HOLD SENSATA-3MP-SELF-HOLD Datasheet
307Kb / 3P
MOTOR PROTECTOR
3MP SENSATA-3MP_V01 Datasheet
233Kb / 3P
SELF-HOLD
Rev. 06/05/2024
More results

Similar Description - 3MP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TH10 TI-TH10 Datasheet
168Kb / 2P
Thermal Cut-out
15AM TI-15AM Datasheet
193Kb / 2P
Motor Protector/Thermal Cut-out
logo
List of Unclassifed Man...
B12A12005L310100U253 ETC2-B12A12005L310100U253 Datasheet
1Mb / 4P
Thermal motor protector Temperature limiter Thermal cut-out
SDJ1 ETC2-SDJ1 Datasheet
492Kb / 3P
Thermal Cut-Offs
RCT ETC-RCT Datasheet
529Kb / 1P
THERMAL CUT-OFF RESISTOR
logo
CONEC Elektronische Bau...
15-00625 CONEC-15-00625 Datasheet
404Kb / 2P
RECOMMENDED PANEL CUT-OUT
15-00629X CONEC-15-00629X Datasheet
256Kb / 2P
RECOMMENDED PANEL CUT-OUT
15-00630X CONEC-15-00630X Datasheet
342Kb / 2P
RECOMMENDED PANEL CUT-OUT
logo
Schneider Electric
GV2ME07 SCHNEIDER-GV2ME07 Datasheet
207Kb / 9P
thermal magnetic circuit protector
Aug 11, 2019
logo
List of Unclassifed Man...
2MM ETC2-2MM Datasheet
610Kb / 2P
Motor Protector/Thermal Cut-Out
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com