Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3MP Datasheet(PDF) 2 Page - Sensata Technologies, Inc.

Part # 3MP
Description  Motor Protector / Thermal Cut-Out
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.

3MP Datasheet(HTML) 2 Page - Sensata Technologies, Inc.

  3MP Datasheet HTML 1Page - Sensata Technologies, Inc. 3MP Datasheet HTML 2Page - Sensata Technologies, Inc. 3MP Datasheet HTML 3Page - Sensata Technologies, Inc. 3MP Datasheet HTML 4Page - Sensata Technologies, Inc. 3MP Datasheet HTML 5Page - Sensata Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.sensata.com
Page 2
Copyright © 2018 Sensata Technologies, Inc.
TECHNICAL SPECIFICATIONS
Declarations to EN60730-2-9
Declarations to EN60730-2-2
Purpose of the Control
Thermal Cut-Out
Thermal Motorprotector
Construction
Incorporated, non-electric
Degree of Protection
IP00
Terminals for Ext. Conductors
For internal conductors only
Method of (Dis)Connection of Terminals
Soldering, spotwelding
Temperature Limits of the Switchhead
170°C
PTI of Insulation Materials
PTI 175
PTI 175
Method of Mounting
Off-winding, fixed position, no
mounting limitation
Off-winding, fixed position, no
mounting limitation
Operating Time
For continuous operation
Type of Action
Type 2B
Type 3C
Reset Characteristic
Automatic
Automatic
Extent of Sensing Element
Whole control
Control Pollution Degree
Degree 1
Degree 2
Declarations
Standard operating temperature range
from 80°C - 170°C (Increments 5K)
Tolerance on open temperature
± 5K
Peak Temperature (5 Min)
200°C
Max. Ambient Temperature
T-Open +20°C
Time Check at T-Ambient 25°C
4 to 10 Seconds
Contact Rating
27.5 A @cos 1 / 250Vac / 500 cycles
18 A @cos 0.6 / 250Vac / 1.000 cycles
18 A @cos 0.6 / 120Vac / 15.000 cycles
SPECIFICATIONS



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com