Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFH7074 Datasheet(PDF) 13 Page - OSRAM GmbH

Part # SFH7074
Description  BIOFY® Biomonitoring Sensor
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH7074 Datasheet(HTML) 13 Page - OSRAM GmbH

Back Button SFH7074 Datasheet HTML 9Page - OSRAM GmbH SFH7074 Datasheet HTML 10Page - OSRAM GmbH SFH7074 Datasheet HTML 11Page - OSRAM GmbH SFH7074 Datasheet HTML 12Page - OSRAM GmbH SFH7074 Datasheet HTML 13Page - OSRAM GmbH SFH7074 Datasheet HTML 14Page - OSRAM GmbH SFH7074 Datasheet HTML 15Page - OSRAM GmbH SFH7074 Datasheet HTML 16Page - OSRAM GmbH SFH7074 Datasheet HTML 17Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
SFH 7074
DATASHEET
DATASHEET
13 | Version 1.1 | 2023-05-22
Radiation Characteristics 1), 2)
● hyper red: I
e,rel = f (φ); long axis (0°); short axis (90°) 
-90°
-80°
-70°
-60°
-50°
-40°
-30°
-20°
-10°
0° 10° 20° 30° 40° 50° 60° 70° 80° 90°
φ [ ]
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
:0°
: 90°
Radiation Characteristics 1), 2)
● infrared (940 nm): I
e,rel = f (φ); long axis (0°); short axis (90°) 
-90°
-80°
-70°
-60°
-50°
-40°
-30°
-20°
-10°
0° 10° 20° 30° 40° 50° 60° 70° 80° 90°
φ [ ]
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
:0°
: 90°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com