Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFH7074 Datasheet(PDF) 20 Page - OSRAM GmbH

Part # SFH7074
Description  BIOFY® Biomonitoring Sensor
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH7074 Datasheet(HTML) 20 Page - OSRAM GmbH

Back Button SFH7074 Datasheet HTML 16Page - OSRAM GmbH SFH7074 Datasheet HTML 17Page - OSRAM GmbH SFH7074 Datasheet HTML 18Page - OSRAM GmbH SFH7074 Datasheet HTML 19Page - OSRAM GmbH SFH7074 Datasheet HTML 20Page - OSRAM GmbH SFH7074 Datasheet HTML 21Page - OSRAM GmbH SFH7074 Datasheet HTML 22Page - OSRAM GmbH SFH7074 Datasheet HTML 23Page - OSRAM GmbH SFH7074 Datasheet HTML 24Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 32 page
background image
SFH 7074
DATASHEET
DATASHEET
20 | Version 1.1 | 2023-05-22
Max. Permissible Forward Current
● infrared (940 nm): I
F = f (TS); Rthjs = 180 K / W
0
20
40
60
80
[ ]
0
10
20
30
40
50
60
[
]
Permissible Pulse Handling Capability
● true green: I
F = f (tp); D = parameter; TS = 85 °C
10-4 10-3 0.01 0.1
1
10
[ ]
0
100
200
300
[
]
:D=1
:D=0,5
:D =0,2
:D =0,1
:D =0,05
:D =0,02
:D =0,01
:D =0,005
Permissible Pulse Handling Capability
● hyper red: I
F = f (tp); D = parameter; TS = 85 °C
10-4 10-3 0.01 0.1
1
10
[ ]
0
100
200
300
[
]
:D=1
:D=0,5
:D =0,2
:D =0,1
:D =0,05
:D =0,02
:D =0,01
:D =0,005



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com