Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCS3430 Datasheet(PDF) 13 Page - OSRAM GmbH

Part # TCS3430
Description  Color and ALS Sensor
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TCS3430 Datasheet(HTML) 13 Page - OSRAM GmbH

Back Button TCS3430 Datasheet HTML 9Page - OSRAM GmbH TCS3430 Datasheet HTML 10Page - OSRAM GmbH TCS3430 Datasheet HTML 11Page - OSRAM GmbH TCS3430 Datasheet HTML 12Page - OSRAM GmbH TCS3430 Datasheet HTML 13Page - OSRAM GmbH TCS3430 Datasheet HTML 14Page - OSRAM GmbH TCS3430 Datasheet HTML 15Page - OSRAM GmbH TCS3430 Datasheet HTML 16Page - OSRAM GmbH TCS3430 Datasheet HTML 17Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 38 page
background image
Page 12
Datasheet, Public
Document Feedback
[v3-00] 2023-Jan-18
TCS3430 − Register Description
ATIME Register (0x81)
Figure 15:
ATIME Register
The ATIME register controls the integration time of the ALS
ADCs.
The timer is implemented with a down counter with 0x00 as the
terminal count. The timer is clocked at a 2.78ms nominal rate.
Loading 0x00 will generate a 2.78ms integration time, loading
0x01 will generate a 5.56ms integration time, and so forth.
0x81: ATIME
Field
Name
Reset
Type
Description
7:0
ATIME
0x00
RW
Integration Time. Eight bit value that specifies the integration
time in 2.78ms intervals. 0x00 indicates 2.78ms, 0x01 indicates
5.56ms.
The maximum ALS value depends on the integration time. For
every 2.78ms, the maximum value increases by 1024. This means
that to be able to reach ALS full scale, the integration time has to be
at least 64*2.78ms.
Value
Integration
Cycles
Integration
Time
Maximum ALS
Value
0x00
1
2.78ms
1023
0x01
2
5.56ms
2047
...
...
...
...
0x11
18
50ms
18431
0x40
65
181ms
65535
...
...
...
...
0xff
256
711ms
65535



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com