Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCS3472 Datasheet(PDF) 21 Page - OSRAM GmbH

Part # TCS3472
Description  Color Light-to-Digital Converter with IR Filter
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TCS3472 Datasheet(HTML) 21 Page - OSRAM GmbH

Back Button TCS3472 Datasheet HTML 17Page - OSRAM GmbH TCS3472 Datasheet HTML 18Page - OSRAM GmbH TCS3472 Datasheet HTML 19Page - OSRAM GmbH TCS3472 Datasheet HTML 20Page - OSRAM GmbH TCS3472 Datasheet HTML 21Page - OSRAM GmbH TCS3472 Datasheet HTML 22Page - OSRAM GmbH TCS3472 Datasheet HTML 23Page - OSRAM GmbH TCS3472 Datasheet HTML 24Page - OSRAM GmbH TCS3472 Datasheet HTML 25Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 41 page
background image
Page 20
ams Datasheet
Document Feedback
[v1-04] 2020-Apr-10
TCS3472 − Register Description
The TCS3472 is controlled and monitored by data registers and
a command register accessed through the serial interface.
These registers provide for a variety of control functions and
can be read to determine results of the ADC conversions. The
register set is summarized in Figure 24.
Figure 24:
Register Set
The mechanics of accessing a specific register depends on the
specific protocol used. See the section on I²C protocols on the
previous pages. In general, the COMMAND register is written
first to specify the specific control-status-data register for
subsequent read/write operations.
Address
Register Name
R/W
Register Function
Reset Value
−−
COMMAND
W
Specifies register address
0x00
0x00
ENABLE
R/W
Enables states and interrupts
0x00
0x01
ATIME
R/W
RGBC time
0xFF
0x03
WTIME
R/W
Wait time
0xFF
0x04
AILTL
R/W
Clear interrupt low threshold low byte
0x00
0x05
AILTH
R/W
Clear interrupt low threshold high byte
0x00
0x06
AIHTL
R/W
Clear interrupt high threshold low byte
0x00
0x07
AIHTH
R/W
Clear interrupt high threshold high byte
0x00
0x0C
PERS
R/W
Interrupt persistence filter
0x00
0x0D
CONFIG
R/W
Configuration
0x00
0x0F
CONTROL
R/W
Control
0x00
0x12
ID
R
Device ID
ID
0x13
STATUS
R
Device status
0x00
0x14
CDATAL
R
Clear data low byte
0x00
0x15
CDATAH
R
Clear data high byte
0x00
0x16
RDATAL
R
Red data low byte
0x00
0x17
RDATAH
R
Red data high byte
0x00
0x18
GDATAL
R
Green data low byte
0x00
0x19
GDATAH
R
Green data high byte
0x00
0x1A
BDATAL
R
Blue data low byte
0x00
0x1B
BDATAH
R
Blue data high byte
0x00
Register Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com