Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCS3472 Datasheet(PDF) 26 Page - OSRAM GmbH

Part # TCS3472
Description  Color Light-to-Digital Converter with IR Filter
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TCS3472 Datasheet(HTML) 26 Page - OSRAM GmbH

Back Button TCS3472 Datasheet HTML 22Page - OSRAM GmbH TCS3472 Datasheet HTML 23Page - OSRAM GmbH TCS3472 Datasheet HTML 24Page - OSRAM GmbH TCS3472 Datasheet HTML 25Page - OSRAM GmbH TCS3472 Datasheet HTML 26Page - OSRAM GmbH TCS3472 Datasheet HTML 27Page - OSRAM GmbH TCS3472 Datasheet HTML 28Page - OSRAM GmbH TCS3472 Datasheet HTML 29Page - OSRAM GmbH TCS3472 Datasheet HTML 30Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 41 page
background image
ams Datasheet
Page 25
[v1-04] 2020-Apr-10
Document Feedback
TCS3472 − Register Description
Configuration Register (0x0D)
The configuration register sets the wait long time.
Figure 31:
Configuration Register
APERS
3:0
Interrupt persistence. Controls rate of interrupt to the host processor.
FIELD VALUE
MEANING
INTERRUPT PERSISTENCE FUNCTION
0000
Every
Every RGBC cycle generates an interrupt
0001
1
1 clear channel value outside of threshold range
0010
2
2 clear channel consecutive values out of range
0011
3
3 clear channel consecutive values out of range
0100
5
5 clear channel consecutive values out of range
0101
10
10 clear channel consecutive values out of range
0110
15
15 clear channel consecutive values out of range
0111
20
20 clear channel consecutive values out of range
1000
25
25 clear channel consecutive values out of range
1001
30
30 clear channel consecutive values out of range
1010
35
35 clear channel consecutive values out of range
1011
40
40 clear channel consecutive values out of range
1100
45
45 clear channel consecutive values out of range
1101
50
50 clear channel consecutive values out of range
1110
55
55 clear channel consecutive values out of range
1111
60
60 clear channel consecutive values out of range
7
6
5
4
321
0
Reserved
WLONG
Reserved
Fields
Bits
Description
Reserved
7:2
Reserved. Write as 0.
WLONG
1
Wait Long. When asserted, the wait cycles are increased by a factor 12× from
that programmed in the WTIME register.
Reserved
0
Reserved. Write as 0.
Field
Bits
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com