Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCS34715FN Datasheet(PDF) 17 Page - OSRAM GmbH

Part # TCS34715FN
Description  Color Light-to-Digital Converter
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TCS34715FN Datasheet(HTML) 17 Page - OSRAM GmbH

Back Button TCS34715FN Datasheet HTML 13Page - OSRAM GmbH TCS34715FN Datasheet HTML 14Page - OSRAM GmbH TCS34715FN Datasheet HTML 15Page - OSRAM GmbH TCS34715FN Datasheet HTML 16Page - OSRAM GmbH TCS34715FN Datasheet HTML 17Page - OSRAM GmbH TCS34715FN Datasheet HTML 18Page - OSRAM GmbH TCS34715FN Datasheet HTML 19Page - OSRAM GmbH TCS34715FN Datasheet HTML 20Page - OSRAM GmbH TCS34715FN Datasheet HTML 21Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 39 page
background image
Page 16
ams Datasheet
Document Feedback
[v1-01] 2018-Mar-27
State Diagram
Figure 20 shows a more detailed flow for the state machine. The
device starts in the sleep mode. The PON bit is written to enable
the device. A 2.4ms delay will occur before entering the start
state. If the WEN bit is set, the state machine will cycle through
the wait state. If the WLONG bit is set, the wait cycles are
extended by 12× over normal operation. When the wait counter
terminates, the state machine will step to the RGBC state.
The AEN should always be set. In this case, a minimum of 1
integration time step should be programmed. The RGBC state
machine will continue until it reaches the terminal count, at
which point the data will be latched in the RGBC register and
the interrupt set, if enabled.
Figure 20:
Expanded State Diagram
Wait
Check
PON = 1
PON = 0
Sleep
ALS
Check
Wait
Start
WEN = 1
ALS
ALS
Delay
AEN = 1
1 to 256steps
Step: 2.4 ms
Time: 2.4 ms − 614 ms
WLONG = 0
1 to 256 steps
Step: 2.4 ms
Time: 2.4 ms − 614 ms
Minimum − 2.4 ms
WLONG = 1
1 to 256 steps
Step: 29 ms
Time: 29 ms − 7.4 s
Minimum − 29 ms
Time: 2.4 ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com