Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCS34715FN Datasheet(PDF) 2 Page - OSRAM GmbH

Part # TCS34715FN
Description  Color Light-to-Digital Converter
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TCS34715FN Datasheet(HTML) 2 Page - OSRAM GmbH

  TCS34715FN Datasheet HTML 1Page - OSRAM GmbH TCS34715FN Datasheet HTML 2Page - OSRAM GmbH TCS34715FN Datasheet HTML 3Page - OSRAM GmbH TCS34715FN Datasheet HTML 4Page - OSRAM GmbH TCS34715FN Datasheet HTML 5Page - OSRAM GmbH TCS34715FN Datasheet HTML 6Page - OSRAM GmbH TCS34715FN Datasheet HTML 7Page - OSRAM GmbH TCS34715FN Datasheet HTML 8Page - OSRAM GmbH TCS34715FN Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 39 page
background image
ams Datasheet
Page 1
[v1-01] 2018-Mar-27
Document Feedback
TCS3471
Color Light-to-Digital Converter
The TCS3471 family of devices provides red, green, blue, and
clear light sensing (RGBC) that detects light intensity under a
variety of lighting conditions and through a variety of
attenuation materials. An internal state machine provides the
ability to put the device into a low power mode in between
RGBC measurements providing very low average power
consumption.
The TCS3471 is directly useful in lighting conditions containing
minimal IR content such as LED RGB backlight control, reflected
LED color sampler, or fluorescent light color temperature
detector. With the addition of an IR blocking filter, the device is
an excellent ambient light sensor, color temperature monitor,
and general purpose color sensor.
Ordering Information and Content Guide appear at end of
datasheet.
Key Benefits & Features
The benefits and features of TCS3471, Color Light-to-Digital
Converter are listed below:
Figure 1:
Added Value Of Using TCS3471
• Color Light Sensing
• Programmable Analog Gain, Integration Time, and
Interrupt Function with Upper and Lower Thresholds
• Resolution Up to 16 Bits
• Very High Sensitivity - Ideally Suited for Operation
Behind Dark Glass
• Up to 1,000,000:1 Dynamic Range
Benefits
Features
• Enables Accurate Color and Ambient Light
Sensing Under Varying Lighting Conditions
• 1M:1 Dynamic Range
• Minimizes Motion / Transient Errors
• Four Independent Analog-to-Digital Converters
• Clear-Channel Provides a Reference Allows for
Isolation of Color Content
• A Reference-Channel for Color Analysis (Clear Channel
Photo-diode)
• Reduces Micro-Processor Interrupt Overhead
• Programmable Interrupt Function
• Reduces Board Space Requirements While
Simplifying Designs
• Area Efficient 2mm x 2.4mm Dual Flat No-Lead (FN)
Package
General Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com