Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCS3707 Datasheet(PDF) 32 Page - OSRAM GmbH

Part # TCS3707
Description  ALS/Color Sensor with Flicker Detection
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TCS3707 Datasheet(HTML) 32 Page - OSRAM GmbH

Back Button TCS3707 Datasheet HTML 28Page - OSRAM GmbH TCS3707 Datasheet HTML 29Page - OSRAM GmbH TCS3707 Datasheet HTML 30Page - OSRAM GmbH TCS3707 Datasheet HTML 31Page - OSRAM GmbH TCS3707 Datasheet HTML 32Page - OSRAM GmbH TCS3707 Datasheet HTML 33Page - OSRAM GmbH TCS3707 Datasheet HTML 34Page - OSRAM GmbH TCS3707 Datasheet HTML 35Page - OSRAM GmbH TCS3707 Datasheet HTML 36Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 70 page
background image
ams Datasheet, Confidential
Page 31
[v1-05] 2019-May-13
Document Feedback
TCS3707 − Register Overview
Proximity Configuration
Proximity can be executed with its own sample rate
independent of and parallel to ALS/color integration. However,
ambient flicker detection will not be valid if proximity occurs
during flicker data collection. If ambient flicker detection is
enabled, it is recommended to assert the PROX_BEFORE_EACH_
ALS field. In this case, PTIME is ignored and the proximity state
is executed before each ALS/color cycle. If PTIME is too short
for the number of pulses and pulse length configured for
proximity, PROX_TRIGGER_ERROR will be 1.
Figure 35:
PTIME
Note(s):
1. Return to the Register Map (0x82).
The Proximity Interrupt Threshold Registers set the high and
low trigger points for the comparison function which generates
an interrupt. Interrupt generation is subject to the value set in
persistence filter (PPERS). These registers are read/write.
Addr: 0x82
PTIME
Bit
Field
Reset
Type
Description
7:0
PTIME
0x00
R/W
Proximity Sample Time. Sets the sample rate of
proximity.
VALUE
TIME
02.78ms
n2.78ms
× (n+1)
255
711ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com