Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCS3707 Datasheet(PDF) 38 Page - OSRAM GmbH

Part # TCS3707
Description  ALS/Color Sensor with Flicker Detection
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TCS3707 Datasheet(HTML) 38 Page - OSRAM GmbH

Back Button TCS3707 Datasheet HTML 34Page - OSRAM GmbH TCS3707 Datasheet HTML 35Page - OSRAM GmbH TCS3707 Datasheet HTML 36Page - OSRAM GmbH TCS3707 Datasheet HTML 37Page - OSRAM GmbH TCS3707 Datasheet HTML 38Page - OSRAM GmbH TCS3707 Datasheet HTML 39Page - OSRAM GmbH TCS3707 Datasheet HTML 40Page - OSRAM GmbH TCS3707 Datasheet HTML 41Page - OSRAM GmbH TCS3707 Datasheet HTML 42Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 70 page
background image
ams Datasheet, Confidential
Page 37
[v1-05] 2019-May-13
Document Feedback
TCS3707 − Register Overview
Figure 43:
CALIBCFG0
Note(s):
1. Return to the Register Map (0xEB).
Addr: 0xEB
CALIBCFG0
Bit
Field
Reset
Type
Bit Description
7DCAVG_AUTO_BSLN
0
R/W
DC Averaging Automatic Baseline. Load the DC
average calculated during offset calibration into the
PBSLN registers at the end of calibration. Note that if
the offset is adjusted (by zero detection) during the
DC averaging, the average may be incorrect.
6
DCAVG_AUTO_OFFSET_
ADJUST
0R/W
DC Averaging Auto Offset Adjust. If set, then
during DC averaging, whenever an ADC
measurement is zero, the appropriate offset register
will be decreased and the OFFSET_ADJUSTED flag is
set. Note also that DC averaging is not automatically
restarted when this happens, so the calculated
baseline might be wrong. Software could restart
averaging in this case.
5:4
Reserved
0
3
BINSRCH_SKIP
0
R/W
Binary Search Skip. When asserted the calibration
routine will skip the binary search step. It is useful if
zeroes are detected during the DC averaging process
to manually reset the baseline and reduce the
likelihood of zero counts.
2:0
DCAVG_ITERATIONS
0
R/W
DC Averaging Iterations. Sets the number of
proximity results during calibration that are
averaged after the binary search is complete. During
this period, whenever a result is zero, the appropriate
offset register is automatically decremented.
VALUE
ITERATIONS
0Skip
12
24
…
2DCAVG_ITERATIONS
664
7128



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com