Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SF5ABC Datasheet(PDF) 1 Page - ML Accessories Limited. All rights reserved.

Part # SF5ABC
Description  5A Unswitched Socket - Brushed Chrome with Black Insert
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KNIGHTSBRIDGE [ML Accessories Limited. All rights reserved.]
Direct Link  https://www.mlaccessories.co.uk/
Logo KNIGHTSBRIDGE - ML Accessories Limited.  All rights reserved.

SF5ABC Datasheet(HTML) 1 Page - ML Accessories Limited. All rights reserved.

  SF5ABC Datasheet HTML 1Page - ML Accessories Limited.  All rights reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ML Accessories Ltd. reserves the right to withdraw, improve, or modify any design without prior notification.
ML Accessories Ltd. cannot be held responsible for the incorrect application of any product.
DATASHEET
MLA PART CODE
SF5ABC
DESCRIPTION
5A Unswitched Socket - Brushed Chrome with Black Insert
NET WEIGHT (KG)
0.13
FINISH
Brushed Chrome
INSERT COLOUR
Black
DIMENSIONS (MM)
Height - 87.5
Width - 87.5
Projection - 4.3
MINIMUM MOUNTING BOX DEPTH
25mm
CONSTRUCTION
Construction - Premium grade steel
CLASS
I
IP RATING
IP20
INPUT VOLTAGE
230V 50Hz
EARTH TERMINAL
Yes
LOAD/MAX. LOAD
5A
TERMINAL CAPACITY
2 x 1.0mm² or 2 x 1.5mm²
WARRANTY
25year(s)
MANUFACTURED IN ACCORDANCE WITH
BS 546
ORIGIN OF MANUFACTURE
China
DECLARATION OF CONFORMITY (HELD ON FILE)
Yes
EAN
5055832926887
Date Created: 02/04/2024 01:44
www.mlaccessories.co.uk
SF5ABC
5A Unswitched Socket - Brushed Chrome with Black
Insert


Similar Part No. - SF5ABC

ManufacturerPart #DatasheetDescription
logo
ML Accessories Limited....
SF5ABCG KNIGHTSBRIDGE-SF5ABCG Datasheet
297Kb / 1P
5A Unswitched Round Socket
02/04/2024
SF5ABCW KNIGHTSBRIDGE-SF5ABCW Datasheet
309Kb / 1P
5A Unswitched Socket - Brushed Chrome with White Insert
02/04/2024
More results

Similar Description - SF5ABC

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
03144 VICOR-03144 Datasheet
52Kb / 1P
SOCKET, FUSE, PCB, 5A, 125VAC
logo
Neutrik AG
NMJ2HC-S NEUTRIK-NMJ2HC-S Datasheet
185Kb / 3P
1/4" mono jack, unswitched, with chrome ferrule and standard solder lugs, mounting nut included
NF2D-B-0 NEUTRIK-NF2D-B-0 Datasheet
113Kb / 3P
Phono socket in black chrome D-shape housing, black isolation washers, solder version.
NF2D-B-2 NEUTRIK-NF2D-B-2 Datasheet
76Kb / 3P
Phono socket in black chrome D-shape housing, red isolation washers, solder version.
NF2D-B-4 NEUTRIK-NF2D-B-4 Datasheet
123Kb / 3P
Phono socket in black chrome D-shape housing, yellow isolation washers, solder version.
NF2D-B-5 NEUTRIK-NF2D-B-5 Datasheet
151Kb / 3P
Phono socket in black chrome D-shape housing, green isolation washers, solder version.
NF2D-B-6 NEUTRIK-NF2D-B-6 Datasheet
147Kb / 3P
Phono socket in black chrome D-shape housing, blue isolation washers, solder version.
NF2D-B-9 NEUTRIK-NF2D-B-9 Datasheet
78Kb / 3P
Phono socket in black chrome D-shape housing, white isolation washers, solder version.
logo
HARTING Technology Grou...
09-40-003-5402 HARTING-09-40-003-5402 Datasheet
490Kb / 2P
Han 3HPR-C-TL-with cord-black chrome
09-40-003-5412 HARTING-09-40-003-5412 Datasheet
512Kb / 2P
Han 3HPR-C-SL-with cord-black chrome
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com