Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2103 Datasheet(PDF) 4 Page - Christian Bürkert GmbH & Co. KG

Part # 2103
Description  Tank bottom diaphragm valve with manually operated actuator (FullFunction)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

2103 Datasheet(HTML) 4 Page - Christian Bürkert GmbH & Co. KG

  2103 Datasheet HTML 1Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Type 2975
4 | 12
Visit product website 
2.
Approvals and conformities
2.1. General notes
• The approvals and conformities listed below must be stated when making enquiries. This is the only way to ensure that the product
complies with all required specifications.
• Not all available versions can be supplied with the below mentioned approvals or conformities.
2.2. Conformity
In accordance with the Declaration of Conformity, the product is compliant with the EU Directives.
2.3. Standards
The applied standards which are used to demonstrate compliance with the EU Directives are listed in the EU-Type Examination Certificate
and/or the EU Declaration of Conformity.
2.4. Explosion protection
Approval
Description
Optional: Explosion protection
As a category 2 device suitable for zone 1/21 and zone 2/22 (optional).
ATEX:
EPS 18 ATEX 2 008 X
II 2G Ex h IIC T4 Gb/II 2D Ex h IIIC T135 °C Db
II 2G Ex h IIC T4…T2 Gb
II 2D Ex h IIIC T135 °C…T300 °C Db
IECEx:
IECEx EPS 18.0007X
Ex h IIC T4 Gb/Ex h IIIC T135 °C Dbb
Ex h IIC T4…T2 Gb
Ex h IIIC T135 °C…T300 °C Db
Temperature class
T2
T3
T4
Permissible surface temperature
+ 300 °C
+ 200 °C
+ 135 °C
Ambient temperature
- 40…+ 130 °C
- 40…+ 130 °C
- 40…+ 100 °C
Maximum medium temperature
+ 285 °C
+ 185 °C
+ 125 °C
2.5. Foods and beverages/Hygiene
Conformity
Description
FDA
FDA – Code of Federal Regulations
The diaphragms made of EPDM (AD), PTFE/EPDM (EA), advanced PTFE/EPDM (EU) and GYLON®/EPDM laminated
(ER) comply with the Code of Federal Regulations published by the FDA (Food and Drug Administration, USA).
USP
United States Pharmacopeial Convention (USP)
The diaphragms made of EPDM (AD), PTFE/EPDM (EA), advanced PTFE/EPDM (EU) and GYLON®/EPDM laminated
(ER) are testet according to USP Class VI.
EC Regulation 1935/2004 of the European Parliament and of the Council
The diaphragms made of EPDM (AD), PTFE/EPDM (EA), advanced PTFE/EPDM (EU) and GYLON®/EPDM laminated
(ER) are suitable for use with food and beverages (according to EC Regulation 1935/2004/EC).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com