Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2103 Datasheet(PDF) 11 Page - Christian Bürkert GmbH & Co. KG

Part # 2103
Description  Tank bottom diaphragm valve with manually operated actuator (FullFunction)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

2103 Datasheet(HTML) 11 Page - Christian Bürkert GmbH & Co. KG

Back Button 2103 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 10Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 11Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 12Page - Christian Bürkert GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
Type 2975
11 | 12
Visit product website 
4.3. Tank bottom body with clamp connection
Note:
• Dimensions in mm
• Clamp dimensions must be added to the welded connection dimensions.
E
Port connection
A
s
D3
E
Product key 1.)
[mm]
[inch]
DIN 32676 series A (DIN pipe)
15
–
19
1.5
34.0
18
TD42
20
–
23
1.5
34.0
18
TD43
25
–
29
1.5
50.5
21.5
TD44
32
–
35
1.5
50.5
21.5
TD45
40
–
41
1.5
50.5
21.5
TD46
50
–
53
1.5
64.0
21.5
TD47
DIN 32676 series B (ISO pipe)
15
–
21.3
1.6
34.0 2.)
28.6
TC42 2.)
15
–
21.3
1.6
50.5
28.6
TC52
20
–
26.9
1.6
50.5
28.6
TC43
25
–
33.7
2
50.5
28.6
TC44
32
–
42.4
2
50.5 2.)
28.6
TC45 2.)
40
–
48.3
2
64.0
28.6
TC46
50
–
60.3
2
77.5
28.6
TC47
ASME BPE
15
½"
12.7
1.65
25.0
28.6
TG02
20
¾"
19.05
1.65
25.0
28.6
TG03
25
1"
25.4
1.65
50.5
28.6
TG04
40
1½"
38.1
1.65
50.5
28.6
TG05
50
2"
50.8
1.65
64.0
28.6
TG06
1.) This information is part of the product key (see “6.3. Bürkert Product Enquiry Form” on page 12).
2.) Deviating from standard, because of different clamp outer diameter
5.
Performance specifications
5.1. Medium pressure
Diaphragm size
Actuator
(Diaphragm socket/handwheel)
Max. operating pressure for seal material
EPDM, PTFE/EPDM, advanced PTFE/EPDM, GYLON®/laminated EPDM
DN
[bar]
15…50
Stainless steel/PPS
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com