Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8036 Datasheet(PDF) 20 Page - Christian Bürkert GmbH & Co. KG

Part # 8036
Description  2/2-way diaphragm valve with manually operated actuator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

8036 Datasheet(HTML) 20 Page - Christian Bürkert GmbH & Co. KG

Back Button 8036 Datasheet HTML 16Page - Christian Bürkert GmbH & Co. KG 8036 Datasheet HTML 17Page - Christian Bürkert GmbH & Co. KG 8036 Datasheet HTML 18Page - Christian Bürkert GmbH & Co. KG 8036 Datasheet HTML 19Page - Christian Bürkert GmbH & Co. KG 8036 Datasheet HTML 20Page - Christian Bürkert GmbH & Co. KG 8036 Datasheet HTML 21Page - Christian Bürkert GmbH & Co. KG 8036 Datasheet HTML 22Page - Christian Bürkert GmbH & Co. KG 8036 Datasheet HTML 23Page - Christian Bürkert GmbH & Co. KG 8036 Datasheet HTML 24Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
Type 3232, 3233
Manually operated diaphragm valve
20 | 23
Visit product website 
5.
Performance specifications
5.1. Flow characteristics
Note:
• The K
V values may vary slightly with different actuator sizes and diaphragm materials.
• Further K
V values on request
• Flow rate: K
V value water (m
3
/h) for elastomer diaphragm
• Measurement at + 20 ºC, 4 bar at valve inlet and 3 bar at valve outlet
Forged body (VS)
Diaphragm
size
Port connection
K
V value [m
3
/h]
DIN EN ISO 1127
ISO 4200
DIN 11866 series
B
DIN 11850 series 2
DIN 11866 series A
DIN EN 10357 series A
ASME BPE
DIN 11866
series C
DIN 11850
series 0
BS4825 SMS3008
DN
[mm]
[inch]
[m3/h]
[m3/h]
[m3/h]
[m3/h]
[m3/h]
[m3/h]
8
6
⅛"
–
–
–
1.1
–
–
8
8
¼"
1.5
–
0.7
1.7
0.5
–
8
10
⅜"
1.5
1.5
1.6
–
1.4
–
8
15
½"
–
–
1.5
–
–
–
15
10
⅜"
5.5
3.5
–
–
–
–
15
15
½"
6.5
6.5
3.1
–
3.7
–
15
20
¾"
–
–
6.5
–
–
–
20
20
¾"
12.5
12.4
8.4
–
8.9
–
25
25
1"
18
20
15.5
–
15.5
16
40
32
1¼"
–
34
–
–
–
–
40
40
1½"
41
40
37
–
37
38
50
50
2"
66
66
66
–
66
66
50
65
2½"
–
–
66
–
66
66
Tube valve body (VP)
Diaphragm
size
Port connection
K
V value [m
3
/h]
DIN EN ISO 1127
ISO 4200
DIN 11866 series B
DIN 11850 series 2
DIN 11866 series A
DIN EN 10357 series A
ASME BPE
DIN 11866 series C
DN
[mm]
[inch]
[m3/h]
[m3/h]
[m3/h]
8
8
¼"
1.9
–
–
8
10
⅜"
–
1.9
–
8
15
½"
–
–
1.8
15
10
⅜"
–
–
7.1
15
15
½"
7.2
7.4
–
15
20
¾"
–
7.4
–
20
20
¾"
13.5
–
–
20
25
1"
–
14.9
12.8
25
32
1¼"
–
22.3
–
25
25
1"
20.8
–
–
32
40
1½"
–
34.8
31
40
40
1½"
47.9
–
–
40
50
2"
–
46.2
43
50
50
2"
69.7
–
–
65
80
3"
–
–
75
80
100
4"
–
–
145



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com