Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8036 Datasheet(PDF) 21 Page - Christian Bürkert GmbH & Co. KG

Part # 8036
Description  2/2-way diaphragm valve with manually operated actuator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

8036 Datasheet(HTML) 21 Page - Christian Bürkert GmbH & Co. KG

Back Button 8036 Datasheet HTML 17Page - Christian Bürkert GmbH & Co. KG 8036 Datasheet HTML 18Page - Christian Bürkert GmbH & Co. KG 8036 Datasheet HTML 19Page - Christian Bürkert GmbH & Co. KG 8036 Datasheet HTML 20Page - Christian Bürkert GmbH & Co. KG 8036 Datasheet HTML 21Page - Christian Bürkert GmbH & Co. KG 8036 Datasheet HTML 22Page - Christian Bürkert GmbH & Co. KG 8036 Datasheet HTML 23Page - Christian Bürkert GmbH & Co. KG 8036 Datasheet HTML 24Page - Christian Bürkert GmbH & Co. KG 8036 Datasheet HTML 25Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
Type 3232, 3233
Manually operated diaphragm valve
21 | 23
Visit product website 
Cast body (VG)
Diaphragm size
Port connection
K
V value
DN
[mm]
[inch]
[m3/h]
8
8
¼"
1
15
15
½"
5.6
20
20
¾"
10.7
25
25
1"
14.6
40
40
1½"
35
50
50
2"
47
Plastic body (PV; PD; PP)
Diaphragm size
Port connection
K
V value
DN
[mm]
[inch]
[m3/h]
15
15
½"
3
20
20
¾"
7
25
25
1"
11.4
32
32
1¼
17
40
40
1½"
24.5
50
50
2"
41.5
5.2. Medium pressure
Diaphragm size
Actuator material
Max. operating pressure for seal material
EPDM; PTFE/EPDM, advanced PTFE/EPDM,
GYLON®/EPDM laminated
DN
Max. [bar]
8…80
Stainless steel/Stain-
less steel
10
100
Stainless steel/Stain-
less steel
6
8…50
Stainless steel/PPS
10
8…40
PPS/PPS
10
50
PPS/PPS
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com