Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8690 Datasheet(PDF) 3 Page - Christian Bürkert GmbH & Co. KG

Part # 8690
Description  Pneumatic control unit for decentralised automation of process valves ELEMENT
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

8690 Datasheet(HTML) 3 Page - Christian Bürkert GmbH & Co. KG

  8690 Datasheet HTML 1Page - Christian Bürkert GmbH & Co. KG 8690 Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG 8690 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 8690 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 8690 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 8690 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 8690 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 8690 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 8690 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Type 8690
3 | 13
Visit product website 
1.
General technical data
Product properties
Dimensions
Further information can be found in chapter “4. Dimensions” on page 7.
Material
Body
PPS
Seal
EPDM
Cover
PC
Commissioning
Setting valve end position
Manual
Manual override of pilot valve
Yes
Status display
Display of device and valve status
Optical
Optical position indicator (mechanical)
Yes
Performance data
Position sensor
Stroke range for linear actuator
Valve spindle, initiator
2…28 mm
Valve spindle, micro switch
7…28 mm
Position feedback
Micro switch
1x or 2x micro switch (24 V DC)
Initiator
1x or 2x inductive proximity switch 3-wire (24 V DC)
1x or 2x inductive proximity switch NAMUR (8 V DC) (ATEX II 2G Ex ia IIC T6)
Electrical data
Operating voltage
Pilot valve
24 V DC ± 10 %, residual ripple 10 % DC, power consumption 1 W
Residual ripple
10 %
Power consumption
< 1 W
Micro switch
Max. 24 V DC, max. 2 A
Initiator
10…24 V DC, max. 100 mA external load per initiator
Protection class
III according to DIN EN 61140
Electrical connection
Multipole version
M12, 8-pin
Cable gland version
M16 x 1.5 (cable Ø 5…10 mm) with screw terminals for cable cross sections 0.14…1.5 mm²
Pneumatic data
Control medium
Neutral gases, air, quality class according to ISO 8573 - 1
Dust content
Class 7 (< 40 µm particle size)
Particle density
Class 5 (< 10 mg/m3)
Pressure dew point
Class 3 (<- 20 °C or min. 10 °C below the lowest operating temperature)
Oil content
Class X (< 25 mg/m3)
Air supply filter
Exchangeable
Mesh size
~0.1 mm
Supply pressure
3…7 bar 1.)2.)
Pilot air port
Threaded connection G ⅛ stainless steel or push-in connector (pipe Ø 6 mm / ¼")
Actuating system
Circuit function
Single and double-acting
Air capacity
250 I
N/min (for aeration and ventilation)
(Q
Nn value according to definition at pressure drop from 7 to 6 bar abs)
Actuator series/size
Type 21xx, actuator Ø 70/90/130/225 mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com