Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8690 Datasheet(PDF) 4 Page - Christian Bürkert GmbH & Co. KG

Part # 8690
Description  Pneumatic control unit for decentralised automation of process valves ELEMENT
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

8690 Datasheet(HTML) 4 Page - Christian Bürkert GmbH & Co. KG

  8690 Datasheet HTML 1Page - Christian Bürkert GmbH & Co. KG 8690 Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG 8690 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 8690 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 8690 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 8690 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 8690 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 8690 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 8690 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Type 8690
4 | 13
Visit product website 
Approvals and conformities
Explosion protection
Ignition protection class
II 3G Ex ec IIC T4 Gc
II 3D Ex tc IIIC T135 °C Dc
II 2G Ex ia IIC T* Gb
II 2D Ex ia IIIC T135 °C Db
ATEX
BVS 14 ATEX E 008 X
II 3G Ex ec IIC T4 Gc
II 3D Ex tc IIIC T135 °C Dc
BVS 14 ATEX E052 X
II 2G Ex ia IIC T* Gb
II 2D Ex ia IIIC T135 °C Db
IECEx
IECEx BVS 14.0009 X
Ex tc IIIC T135 °C Dc
Ex ec IIC T4 Gc
IECEx BVS 14.0035 X
Ex ia IIIC T135 °C Db
Ex ia IIC T* Gb
Further information can be found in chapter “2.4. Explosion protection” on page 5.
North America (USA/Canada
UL Listed for the USA and Canada
cULus certificate: E238179
Further information can be found in chapter “2.5. North America (USA/Canada)” on page 5.
FM Explosion Protection
Increased Safety for Class I, Zone 2, AEx ec IIC T4 Gc hazardous (classified) locations, indoors
and outdoors (IP54). Alternatively marked as Class I Division 2 Groups A, B, C, and D; T4.
Further information can be found in chapter “2.5. North America (USA/Canada)” on page 5.
Others
China Compulsory Certification (CCC)
The products with Ex approval are suitable for import and use for hazardous applications in
China. Further information can be found in chapter “2.6. Others” on page 6.
Further information can be found in chapter “2. Approvals and conformities” on page 5.
Environment and installation
Operating conditions
Ambient temperature
With pilot valve
- 10…+ 55 ºC
Without pilot valve
- 20…+ 60 °C
Degree of protection
IP65/IP67 according to EN 60529, 4X according to NEMA 250 Standard
Operating altitude
Up to 2000 m above sea level
Installation and mechanical data
Installation position
As required, preferably with actuator in upright position
Valve actuator (type, size)
ELEMENT Type 21xx (actuator size Ø 70/90/130/225 mm)
Adapter kit
Further information can be found in chapter “Adapter kits ELEMENT” on page 13.
1.) The supply pressure must be 0.5…1 bar above the minimum required pilot pressure of the valve actuator.
2.) Pressure data: overpressure to atmospheric pressure



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com