Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIM100MLP Datasheet(PDF) 9 Page - Sensata Technologies, Inc.

Part # SIM100MLP
Description  Sendyne Isolation Monitor For Unearthed (IT) DC Power Systems
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.

SIM100MLP Datasheet(HTML) 9 Page - Sensata Technologies, Inc.

Back Button SIM100MLP Datasheet HTML 5Page - Sensata Technologies, Inc. SIM100MLP Datasheet HTML 6Page - Sensata Technologies, Inc. SIM100MLP Datasheet HTML 7Page - Sensata Technologies, Inc. SIM100MLP Datasheet HTML 8Page - Sensata Technologies, Inc. SIM100MLP Datasheet HTML 9Page - Sensata Technologies, Inc. SIM100MLP Datasheet HTML 10Page - Sensata Technologies, Inc. SIM100MLP Datasheet HTML 11Page - Sensata Technologies, Inc. SIM100MLP Datasheet HTML 12Page - Sensata Technologies, Inc. SIM100MLP Datasheet HTML 13Page - Sensata Technologies, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
9
Preliminary
Rev 1.1a
© 2021 Sendyne Corp
Sendyne SIM100MLP
profile load, accelerated and repeated multiple times,
is simulated at the battery terminals. The resulting
battery voltage is shown in the Battery voltage chart.
The greyed areas indicate the 60 s intervals when the
resistor is disconnected. The histogram shows the
distribution of SIM100 reports in the periods when
the resistor is connected.
The green vertical lines in the histogram show the
actual isolation resistance when the 250 k
Ω resistor is
connected. As can be seen in the histograms, the er-
ror between the average reported value and the actual
value is less than 1%.
Variable loads
The SIM100 is the only product today that can oper-
ate flawlessly in extremely noisy environments when
the load of the IT power system is active. This is an
important safety feature especially in commercial
environments where the electrical equipment is in use
most of the time. The SIM100 will provide accurate
estimates even while the power system experiences
violent swings of 10s or 100s of Volts.
Figure 11 shows the test setup and SIM100 responses
under a battery load corresponding to an accelerated
driving profile. In the test circuit a 250 k
Ω resistor
is connected and disconnected every 60 s. A driving
RF = 250 kΩ
V
BAT
Test Circuit
Load
CY,P
CY,N
RI,N
RI,P
SIM100
0
50
100
150
200
250
300
350
0
120
240
360
480
600
720
840
960
1080
1200
1320
Time (s)
SW
SW
ON
SW
ON
SW
ON
SW
ON
SW
ON
SW
ON
SW
ON
SW
ON
SW
ON
SW
ON
SW
ON
0
10
20
30
40
50
60
70
80
Histograms of SIM100 R
F estimates
(120 reports collected during each period SW is ON)
Green line
indicates
actual R
F value
1% error
Battery voltage - Accelerated driving profile
Figure 11: Testing of SIM100 under an accelerated driving profile



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com