Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIM100MLP Datasheet (PDF) - Sensata Technologies, Inc.

SIM100MLP Datasheet PDF - Sensata Technologies, Inc.
Part # SIM100MLP
Download  SIM100MLP Download
File Size   923.12 Kbytes
Page   19 Pages
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.
Description Sendyne Isolation Monitor For Unearthed (IT) DC Power Systems

SIM100MLP Datasheet (PDF)

Go To PDF Page Download Datasheet
SIM100MLP Datasheet PDF - Sensata Technologies, Inc.

Part # SIM100MLP
Download  SIM100MLP Click to download

File Size   923.12 Kbytes
Page   19 Pages
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.
Description Sendyne Isolation Monitor For Unearthed (IT) DC Power Systems

SIM100MLP Datasheet (HTML) - Sensata Technologies, Inc.


SIM100MLP Product details

Description
The Sendyne SIM100MLP is the first high voltage
isolation monitoring device for EV/HEVs capable
of operating correctly even when the battery is
active, and experiencing large voltage variations, no
variations, or even if the battery is not connected.
The SIM100MLP continuously monitors the
isolation resistance between a vehicle’s IT (Isolated
Terra) power system and chassis for deterioration of
isolation and potentially dangerous levels of leakage
current. The module detects not only resistive leakages
but also capacitively stored energy that could be
harmful to human operators.
Due to a proprietary, patented and patent pending advanced
algorithm, the module is capable of detecting
all sources of leakage, including multiple, simultaneous
symmetrical and asymmetrical faults, as well as
resistive paths between the chassis and points in the
battery with the same potential as the chassis. In
the case of an isolation fault, the unit identifies the
position of the fault in relation to the battery’s
terminals. Battery-connected VX1 (Vp) and VX2 (Vn)
voltage inputs can measure ±1.1 kV (max, see ordering
options for other ranges) in reference to Chassis
(0 V). Communications are achieved via an isolated
CAN 2.0B interface and the unit operates over a wide
temperature range of –40 °C to +105 °C. The Sendyne
SIM100MLP was designed as a component for systems
complying with ISO 6469-3:2011-12, UL 2231-1,
UL2231-2, IEC 61557-A, CFR 571.305 and other ap plicable
standards.

Applications
― Monitoring ungrounded (IT) DC
power systems for hazardous resistive and capacitive
leaks
― Electric & hybrid vehicles
― Charging stations
― Energy storage facilities
― Battery Management Systems




Similar Part No. - SIM100MLP

ManufacturerPart #DatasheetDescription
logo
Sensata Technologies, I...
SIM100MOD SENSATA-SIM100MOD Datasheet
940Kb / 19P
Sendyne Isolation Monitor For Unearthed (IT) DC Power Systems
More results


Similar Description - SIM100MLP

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NE1617 PHILIPS-NE1617 Datasheet
162Kb / 16P
Temperature monitor for microprocessor systems
1999 Mar 19
NE1618 PHILIPS-NE1618 Datasheet
137Kb / 16P
Temperature monitor for microprocessor systems
2002 Jan 04
logo
Rohm
BA3121F ROHM-BA3121F Datasheet
164Kb / 6P
Ground isolation amplifier for car audio systems
logo
TDK Electronics
CFP050-2R0 TDK-CFP050-2R0 Datasheet
55Kb / 2P
DC to DC Converters Distributed Power Supplies for Systems, Insulation Type
logo
NXP Semiconductors
NE1617A PHILIPS-NE1617A Datasheet
133Kb / 17P
Temperature monitor for microprocessor systems
2004 Oct 05
logo
List of Unclassifed Man...
ULN8130A ETC-ULN8130A Datasheet
200Kb / 5P
Precision supervisory systems monitor
logo
NXP Semiconductors
NE1617A NXP-NE1617A Datasheet
174Kb / 27P
Temperature monitor for microprocessor systems
Rev. 04-30 July 2009
logo
IXYS Corporation
MX844 IXYS-MX844 Datasheet
452Kb / 21P
12 BIT, MULTI-CHANNEL POWER & TEMP SENSOR FOR MONITOR & CONTROL SYSTEMS
logo
List of Unclassifed Man...
FMER-G92P-2517 ETC1-FMER-G92P-2517 Datasheet
727Kb / 9P
Compact DC filter for photovoltaic systems
logo
Vicor Corporation
PRM48DH480T250A03 VICOR-PRM48DH480T250A03 Datasheet
1Mb / 23P
Building block for high efficiency DC-DC systems
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com