Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMD26723 Datasheet(PDF) 2 Page - OSRAM GmbH

Part # TMD26723
Description  Digital Proximity Detector
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMD26723 Datasheet(HTML) 2 Page - OSRAM GmbH

  TMD26723 Datasheet HTML 1Page - OSRAM GmbH TMD26723 Datasheet HTML 2Page - OSRAM GmbH TMD26723 Datasheet HTML 3Page - OSRAM GmbH TMD26723 Datasheet HTML 4Page - OSRAM GmbH TMD26723 Datasheet HTML 5Page - OSRAM GmbH TMD26723 Datasheet HTML 6Page - OSRAM GmbH TMD26723 Datasheet HTML 7Page - OSRAM GmbH TMD26723 Datasheet HTML 8Page - OSRAM GmbH TMD26723 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 44 page
background image
ams Datasheet
Page 1
[v1-00] 2015-Mar-23
Document Feedback
TMD2672
Digital Proximity Detector
The TMD2672 family of devices provides a complete proximity
detection system and digital interface logic in a single 8-pin
surface mount module. The devices are register-set and
pin-compatible with the TMD2671 series and includes new and
improved proximity detection features. The proximity
detection includes improved signal-to-noise and accuracy. A
proximity offset register allows compensation for optical
system crosstalk between the IR LED and the sensor. To prevent
false proximity data measurement readings, a proximity
saturation indicator bit signals that the internal analog circuitry
has reached saturation. Interrupts have been enhanced with
the addition of a sleep-on-interrupt feature that also allows for
a single cycle operation. The device internal state machine
provides the ability to put the device in a low-power mode in
between proximity measurements, providing very low average
power consumption.
The proximity detection system includes an LED driver and an
IR LED, which are factory trimmed to eliminate the need for
end-equipment calibration due to component variations.
Ordering Information and Content Guide appear at end of
datasheet.
General Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com