Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMD26723 Datasheet(PDF) 3 Page - OSRAM GmbH

Part # TMD26723
Description  Digital Proximity Detector
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMD26723 Datasheet(HTML) 3 Page - OSRAM GmbH

  TMD26723 Datasheet HTML 1Page - OSRAM GmbH TMD26723 Datasheet HTML 2Page - OSRAM GmbH TMD26723 Datasheet HTML 3Page - OSRAM GmbH TMD26723 Datasheet HTML 4Page - OSRAM GmbH TMD26723 Datasheet HTML 5Page - OSRAM GmbH TMD26723 Datasheet HTML 6Page - OSRAM GmbH TMD26723 Datasheet HTML 7Page - OSRAM GmbH TMD26723 Datasheet HTML 8Page - OSRAM GmbH TMD26723 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 44 page
background image
Page 2
ams Datasheet
Document Feedback
[v1-00] 2015-Mar-23
TMD2672 − General Description
Key Benefits & Features
The benefits and features of the TMD2672 digital proximity
detector, are listed below:
Figure 1:
Added Value of Using TMD2672
Note(s) and/or Footnote(s):
1. New or improved feature
Applications
• Mobile Handset Touchscreen Control and Automatic
Speakerphone Enable
• Mechanical Switch Replacement
•Paper Alignment
Benefits
Features
• Eliminates need for customer
end-product calibration.
• Reduces the proximity noise
• Control of system crosstalk and offset
• Prevents false proximity detection in
bright light
• Selectable IR power-level without
external resistor
• Enables wide operating range
• Digital Proximity Detector, LED Driver, and IR LED in a
Single Optical Module
• Register Set- and Pin-Compatible with the TMD2671
Series
• Proximity Detection
- Reduced Proximity Count Variation (1)
- Programmable Offset Control Register (1)
-Saturation Indicator (1)
- Programmable Integration Time and Offset
- Current Sink Driver for IR LED
- 16,000:1 Dynamic Range
• Reduces external processor burden
• Maskable Proximity Interrupt
- Programmable Upper and Lower Thresholds with
Persistence Filter
• Enables dynamic power dissipation
control
• Power Management
- Low Power 2.2μA Sleep State with User-Selectable
Sleep-After-Interrupt Mode (1)
- 90μA Wait State with Programmable Wait Time from
2.7ms to > 8 seconds
• Industry standard two-wire interface
• I²C Fast Mode Compatible Interface
- Data Rates up to 400kbit/s
- Input Voltage Levels Compatible with VDD or 1.8V Bus
• Small foot-print module
• 3.94mm × 2.36mm × 1.35mm Package



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com