Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMD27721 Datasheet(PDF) 6 Page - OSRAM GmbH

Part # TMD27721
Description  Digital ALS and Proximity Module
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMD27721 Datasheet(HTML) 6 Page - OSRAM GmbH

Back Button TMD27721 Datasheet HTML 2Page - OSRAM GmbH TMD27721 Datasheet HTML 3Page - OSRAM GmbH TMD27721 Datasheet HTML 4Page - OSRAM GmbH TMD27721 Datasheet HTML 5Page - OSRAM GmbH TMD27721 Datasheet HTML 6Page - OSRAM GmbH TMD27721 Datasheet HTML 7Page - OSRAM GmbH TMD27721 Datasheet HTML 8Page - OSRAM GmbH TMD27721 Datasheet HTML 9Page - OSRAM GmbH TMD27721 Datasheet HTML 10Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 60 page
background image
ams Datasheet
Page 5
[v1-21] 2016-Feb-16
Document Feedback
TMD2772/ TMD2772WA − Absolute Maximum Ratings
Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. These are stress
ratings only. Functional operation of the device at these or any
other conditions beyond those indicated under Recommended
Operating Conditions is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
Figure 5:
Absolute Maximum Ratings
Note(s):
1. All voltages are with respect to GND.
2. Maximum voltage with LDR = off.
3. Maximum 4.8V DC over 7 years lifetime. Maximum 5.0V spikes with up to 250s cumulative duration over 7 years lifetime. Maximum
5.5V spikes with up to 10s (=1000* 10ms) cumulative duration over 7 years lifetime.
Symbol
Parameter
Min
Max
Unit
VDD
(1)
Supply Voltage
3.8
V
VLDR
(2)
Voltage on LDR signal with LDR = off.
• TA between
0° C - 70° C
• TA between -30° C - 70° C
• TA outside of -30° C - 85° C
4.8
4.6
4.4
V
VLEDA
(3)
LED supply voltage on LEDA input
• TA between
0° C - 70° C
• TA between
-30° C - 70° C
• TA outside of -30° C - 85° C
4.8
4.6
4.4
V
VIO
Digital I/O Voltage except LDR
-0.5
3.8
V
IOut
Output terminal current except LDR
-1
20
mA
Tstg
Storage temperature range
-40
85
°C
TA
Operating free-air temperature
-30
85
°C
ISCR
Input Current
(latch up immunity)
JEDEC JESD78D Nov 2011
CLASS 1 
µA
ESDHBM
Electrostatic Discharge HBM
JS-001-2014
± 2000
V
ESDCDM
Electrostatic Discharge CDM
JEDEC JESD22-C101F Oct 2013
± 500
V
Absolute Maximum Ratings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com