Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMD27721 Datasheet(PDF) 11 Page - OSRAM GmbH

Part # TMD27721
Description  Digital ALS and Proximity Module
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMD27721 Datasheet(HTML) 11 Page - OSRAM GmbH

Back Button TMD27721 Datasheet HTML 7Page - OSRAM GmbH TMD27721 Datasheet HTML 8Page - OSRAM GmbH TMD27721 Datasheet HTML 9Page - OSRAM GmbH TMD27721 Datasheet HTML 10Page - OSRAM GmbH TMD27721 Datasheet HTML 11Page - OSRAM GmbH TMD27721 Datasheet HTML 12Page - OSRAM GmbH TMD27721 Datasheet HTML 13Page - OSRAM GmbH TMD27721 Datasheet HTML 14Page - OSRAM GmbH TMD27721 Datasheet HTML 15Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 60 page
background image
Page 10
ams Datasheet
Document Feedback
[v1-21] 2016-Feb-16
TMD2772/ TMD2772WA − Electrical Characteristics
Figure 11:
Proximity Test Circuit
Figure 12:
IR LED Characteristics, VDD = 3V, TA = 25°C
Figure 13:
Wait Characteristics, VDD = 3V, TA = 25°C, WEN = 1 (unless otherwise noted)
Parameter
Test Conditions
Min
Typ
Max
Unit
VF Forward Voltage
IF = 100 mA
1.5
2.2
V
VR Reverse Voltage
IR = 10 μA
5V
PO Radiant Power
IF = 20 mA
4.5
mW
λp Peak Wavelength
IF = 20 mA
850
nm
Δλ Spectral Radiation
Bandwidth
IF = 20 mA
40
nm
Parameter
Conditions
Min
Typ
Max
Units
Wait steps
1
256
steps
Wait time
WTIME = 0xFF (= 1 wait step)
2.73
2.9
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com