Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMD37253 Datasheet(PDF) 36 Page - OSRAM GmbH

Part # TMD37253
Description  ALS, Color and Proximity Sensor Module
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMD37253 Datasheet(HTML) 36 Page - OSRAM GmbH

Back Button TMD37253 Datasheet HTML 32Page - OSRAM GmbH TMD37253 Datasheet HTML 33Page - OSRAM GmbH TMD37253 Datasheet HTML 34Page - OSRAM GmbH TMD37253 Datasheet HTML 35Page - OSRAM GmbH TMD37253 Datasheet HTML 36Page - OSRAM GmbH TMD37253 Datasheet HTML 37Page - OSRAM GmbH TMD37253 Datasheet HTML 38Page - OSRAM GmbH TMD37253 Datasheet HTML 39Page - OSRAM GmbH TMD37253 Datasheet HTML 40Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 56 page
background image
Datasheet, Public
Page 35
[v2-00] 2023-Mar-21
Document Feedback
TMD3725 − Register Description
CFG3 Register (Address 0xAB)
Figure 50:
CFG3 Register
The SAI bit sets the device operational mode following the
completion of an ALS or proximity cycle. If AINT and AIEN are
both set or if PINT and PIEN are both set, causing an interrupt
on the INT pin, and the SAI bit is set, then the oscillator will
deactivate. The Device will appear as if PON = 0, however, PON
will read as 1. The device can only be reactivated (oscillator
enabled) by clearing the interrupts in the STATUS register.
Addr: 0xAB
CFG3
Bit
Bit Name
Default
Access
Bit Description
7
INT_READ_CLEAR
0
RW
If the Interrupt-Clear-by-Read bit is set, then all flag
bits in the STATUS register will be reset whenever
the STATUS register is read over I²C.
6:5
Reserved
00
RW
Reserved.
4SAI
0
RW
The Sleep After Interrupt bit is used to place the
device into a low power mode upon an interrupt pin
assertion.
PON
SAI
INT
Oscillator
0X
X
OFF
10
X
ON
11
1
ON
11
0
OFF
3:0
Reserved
1100
RW
Reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com