Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMD37253 Datasheet(PDF) 39 Page - OSRAM GmbH

Part # TMD37253
Description  ALS, Color and Proximity Sensor Module
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMD37253 Datasheet(HTML) 39 Page - OSRAM GmbH

Back Button TMD37253 Datasheet HTML 35Page - OSRAM GmbH TMD37253 Datasheet HTML 36Page - OSRAM GmbH TMD37253 Datasheet HTML 37Page - OSRAM GmbH TMD37253 Datasheet HTML 38Page - OSRAM GmbH TMD37253 Datasheet HTML 39Page - OSRAM GmbH TMD37253 Datasheet HTML 40Page - OSRAM GmbH TMD37253 Datasheet HTML 41Page - OSRAM GmbH TMD37253 Datasheet HTML 42Page - OSRAM GmbH TMD37253 Datasheet HTML 43Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 56 page
background image
Page 38
Datasheet, Public
Document Feedback
[v2-00] 2023-Mar-21
TMD3725 − Register Description
CALIB Register (Address 0xD7)
Figure 54:
CALIB Register
Proximity response in systems with electrical and optical
crosstalk may be improved by using the calibration feature.
Optical crosstalk is caused when the photodiode receives a
small portion of the LED IR which was unintentionally reflected
by a surface other than the target. Electrical offset is caused by
electrical disturbance in the sensor AFE, and also influences the
proximity result. The calibration routine adjusts the value in
registers C0 and C1 until the proximity result is as close to
BINSRCH_TARGET as possible without becoming zero.
Optical and electrical calibration function identically, except
that during an electrical calibration the proximity photodiode
is disconnected from the AFE.
An electrical only calibration can be initiated by setting the
ELECTRICAL_CALIBRATION and START_OFFSET_CALB bits.
To perform an optical (and electrical) calibration do not set the
ELECTRICAL_CALIBRATION bit when setting the
START_OFFSET_CALIB. The CINT flag will assert after calibration
has finished.
Upon completion proximity offset registers are automatically
loaded with calibration result.
Addr: 0xD7
CALIB
Bit
Bit Name
Default
Access
Bit Description
7:6
Reserved
00
RO
Reserved.
5
ELECTRICAL_
CALIBRATION
0RW
Selects proximity calibration type.
1 = Electrical offset only. 0 = Calibration
compensates for electrical and optical
crosstalk.
4:1
Reserved
0000
RW
Reserved.
0
START_OFFSET_
CALIB
0
RW
Set to 1 to start a calibration sequence.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com