Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMD49033 Datasheet(PDF) 21 Page - OSRAM GmbH

Part # TMD49033
Description  Color and Proximity Sensor Module with mobeam™ Barcode Emulation and IR Remote Control
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMD49033 Datasheet(HTML) 21 Page - OSRAM GmbH

Back Button TMD49033 Datasheet HTML 17Page - OSRAM GmbH TMD49033 Datasheet HTML 18Page - OSRAM GmbH TMD49033 Datasheet HTML 19Page - OSRAM GmbH TMD49033 Datasheet HTML 20Page - OSRAM GmbH TMD49033 Datasheet HTML 21Page - OSRAM GmbH TMD49033 Datasheet HTML 22Page - OSRAM GmbH TMD49033 Datasheet HTML 23Page - OSRAM GmbH TMD49033 Datasheet HTML 24Page - OSRAM GmbH TMD49033 Datasheet HTML 25Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 86 page
background image
Page 20
Datasheet, Public
Document Feedback
[v2-00] 2022-Nov-03
TMD4903 − Register Description
The device is controlled and monitored by registers accessed
through the I²C serial interface. These registers provide for a
variety of control functions and can be read to determine results
of the ADC conversions. The register set is summarized in
Figure 25.
Figure 25:
Control Register Map
Address
Register Name
R/W
Register Function
Reset
Value
0x00 – 0x7F
RAM
R/W
Volatile Storage for Pattern data
0x00
0x80
ENABLE
R/W
Enables states and interrupts
0x00
0x81
ATIME
R/W
ADC integration time
0xFF
0x82
PTIME
R/W
Proximity sample time
0x00
0x83
WTIME
R/W
ALS wait time
0xFF
0x84
AILTL
R/W
ALS interrupt low threshold low byte
0x00
0x85
AILTH
R/W
ALS interrupt low threshold high byte
0x00
0x86
AIHTL
R/W
ALS interrupt high threshold low byte
0x00
0x87
AIHTH
R/W
ALS interrupt high threshold high byte
0x00
0x88
PILTL
R/W
Proximity interrupt low threshold low byte
0x00
0x89
PILTH
R/W
Proximity interrupt high threshold high byte
0x00
0x8A
PIHTL
R/W
Proximity interrupt low threshold low byte
0x00
0x8B
PIHTH
R/W
Proximity interrupt high threshold high byte
0x00
0x8C
PERS
R/W
ALS & Proximity interrupt persistence filters
0x00
0x8D
CFG0
R/W
Configuration register zero
0xA0
0x8E
PGCFG0
R/W
Proximity pulse width and count
0x4F
0x8F
PGCFG1
R/W
Proximity gain and LED current
0x80
0x90
CFG1
R/W
Configuration register one
0x00
0x91
REVID
R
Revision ID
0x22
0x92
ID
R
Device ID
0xB8
0x93
STATUS
R
Device status register one
0x00
0x94
CDATAL
R
Clear ADC low data register
0x00
0x95
CDATAH
R
Clear ADC high data register
0x00
0x96
RDATAL
R
Red ADC low data register
0x00
Register Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com