Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMD49033 Datasheet(PDF) 3 Page - OSRAM GmbH

Part # TMD49033
Description  Color and Proximity Sensor Module with mobeam™ Barcode Emulation and IR Remote Control
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMD49033 Datasheet(HTML) 3 Page - OSRAM GmbH

  TMD49033 Datasheet HTML 1Page - OSRAM GmbH TMD49033 Datasheet HTML 2Page - OSRAM GmbH TMD49033 Datasheet HTML 3Page - OSRAM GmbH TMD49033 Datasheet HTML 4Page - OSRAM GmbH TMD49033 Datasheet HTML 5Page - OSRAM GmbH TMD49033 Datasheet HTML 6Page - OSRAM GmbH TMD49033 Datasheet HTML 7Page - OSRAM GmbH TMD49033 Datasheet HTML 8Page - OSRAM GmbH TMD49033 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 86 page
background image
Page 2
Datasheet, Public
Document Feedback
[v2-00] 2022-Nov-03
TMD4903 − General Description
Key Benefits & Features
The benefits and features of TMD4903, Color and Proximity
Sensor Module with mobeam™ Barcode Emulation and IR
Remote Control are listed below:
Figure 1:
Added Value of Using TMD4903
Applications
The TMD4903 applications include:
• Color sensing
• Ambient light sensing
• Cell phone touch screen disable
• Mechanical switch replacement
• 1D barcode emulation
• Universal remote control
Benefit
Feature
• Proximity detection
• Selectable direction sensitivity
• Ambient light rejection
• Advanced crosstalk compensation
• AFE saturation flag
• Programmable LED driver
• Interrupt-Driven I²C communication
• Ambient light and color sensing
• Variable sensitivity
• Designed to operate behind inked glass
• UV/IR blocking filter
• Programmable gain and integration time
• 6.7M:1 dynamic range by gain adjustment only
• Interrupt-driven I²C communication
• IRBeam pattern generator
• mobeam™ support
• Universal remote control support
• Interrupt-driven I²C communication
• Integrated LED and driver
• Calibrated emission and response
• Invisible 950nm emission
• Low supply voltage
• 1.8V operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com