Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSL25203 Datasheet(PDF) 39 Page - OSRAM GmbH

Part # TSL25203
Description  Highly Sensitive Ambient Light Sensor
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TSL25203 Datasheet(HTML) 39 Page - OSRAM GmbH

Back Button TSL25203 Datasheet HTML 35Page - OSRAM GmbH TSL25203 Datasheet HTML 36Page - OSRAM GmbH TSL25203 Datasheet HTML 37Page - OSRAM GmbH TSL25203 Datasheet HTML 38Page - OSRAM GmbH TSL25203 Datasheet HTML 39Page - OSRAM GmbH TSL25203 Datasheet HTML 40Page - OSRAM GmbH TSL25203 Datasheet HTML 41Page - OSRAM GmbH TSL25203 Datasheet HTML 42Page - OSRAM GmbH TSL25203 Datasheet HTML 43Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 69 page
background image
Page 38
Datasheet, Public
Document Feedback
[v3-00] 2022-Dec-20
TSL2520 − Register O ver view
SIEN Register
Figure 50:
SIEN
Note(s):
1. Return to the Register Map (0xBB).
MOD_COMP_CFG1 Register
Figure 51:
MOD_COMP_CFG1
Note(s):
1. Return to the Register Map (0xCE).
Addr: 0xBB
SIEN
Bit
Field
Reset
Type
Bit Description
7:2
Reserved
0
1
SIEN_MEASUREMENT_
SEQUENCER
0R/W
Measurement Sequencer Interrupt Enable. Setting
this bit will allow a system interrupt SINT as soon as
invoked by a measurement sequencer event. Please
see SINT_MEASUREMENT_SEQUENCER for further
information.
0SIEN_VSYNC
0
R/W
Vsync Interrupt Enable. Setting this bit will allow a
system interrupt SINT as soon as soon as a vysnc
interrupt occurs. Please see SINT_VSYNC for further
information.
Addr: 0xCE
MOD_COMP_CFG1
Bit
Field
Reset
Type
Bit Description
7:6
MOD_IDAC_RANGE
10b
R/W
Sets the auto zero range of the current
digital-to-analog converter.
00: 58μV
01: 38μV
10: 18μV
11: 9μV
5:0
Reserved
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com