Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSL25203 Datasheet(PDF) 53 Page - OSRAM GmbH

Part # TSL25203
Description  Highly Sensitive Ambient Light Sensor
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TSL25203 Datasheet(HTML) 53 Page - OSRAM GmbH

Back Button TSL25203 Datasheet HTML 49Page - OSRAM GmbH TSL25203 Datasheet HTML 50Page - OSRAM GmbH TSL25203 Datasheet HTML 51Page - OSRAM GmbH TSL25203 Datasheet HTML 52Page - OSRAM GmbH TSL25203 Datasheet HTML 53Page - OSRAM GmbH TSL25203 Datasheet HTML 54Page - OSRAM GmbH TSL25203 Datasheet HTML 55Page - OSRAM GmbH TSL25203 Datasheet HTML 56Page - OSRAM GmbH TSL25203 Datasheet HTML 57Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 69 page
background image
Page 52
Datasheet, Public
Document Feedback
[v3-00] 2022-Dec-20
TSL2520 − Register O ver view
VSYNC Period Target Registers
Figure 71:
VSYNC_PERIOD_TARGET
Note(s):
1. Return to the Register Map (0xF4, 0xF5).
VSYNC_CONTROL Register
Figure 72:
VSYNC_CONTROL
Note(s):
1. Return to the Register Map (0xF6).
Addr
Bit
Field
Reset
Type
Description
0xF4
7:0
VSYNC_PERIOD_
TARGET[7:0]
0R/W
VSYNC Period Target
Defines the ideal target value for the VSYNC_PERIOD.
Configure properly before enabling the oscillator
calibration, otherwise it will cause malfunction or
overflow.
See VSYNC_PERIOD_USE_ FAST_TIMING_EVAL for the
calculation of VSYNC_PERIOD_TARGET.
0xF5
6:0
VSYNC_PERIOD_
TARGET[14:8]
0R/W
0xF5
7
VSYNC_
PERIOD_USE_
FAST_TIMING_
EVAL
0R/W
If set to “0”, the VSYNC_PERIOD_TARGET shall match
VSYNC_PERIOD[15:1], supports range from 15Hz to
500Hz.
VSYNC_PERIOD_TARGET = (720KHz / fVSYNC)/2
e.g. for fVSYNC = 60Hz, VSYNC_PERIOD_TARGET = 0x1770
If set to “1”, the VSYNC_PERIOD_TARGET shall match
VSYNC_PERIOD[14:0], supports range from 30Hz to
1KHz.
VSYNC_PERIOD_TARGET = 720KHz / fVSYNC
e.g. for fVSYNC = 60Hz, VSYNC_PERIOD_TARGET = 0x2EE0
Addr: 0xF6
VSYNC_CONTROL
Bit
Field
Reset
Type
Bit Description
7:2
Reserved
0
1
HOLD_VSYNC_PERIOD
0
R/W
If set to “1” VSYNC_PERIOD[15:8] and VSYNC_
PERIOD[7:0] cannot be updated until VSYNC_
PERIOD[15:8] has been read. It will avoid that
updates during I²C readings.
0SW_VSYNC_TRIGGER
0
R/W
If VSYNC_MODE is set to “1”, this bit can be used to
trigger a SW sync. In case the exact time is known
between two consecutive I²C reading the offset of
the oscillator frequency can be calculated from the
result in VSYNC_TRIGGER.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com