Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSL2561T Datasheet(PDF) 10 Page - OSRAM GmbH

Part # TSL2561T
Description  Light-to-Digital Converter
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TSL2561T Datasheet(HTML) 10 Page - OSRAM GmbH

Back Button TSL2561T Datasheet HTML 6Page - OSRAM GmbH TSL2561T Datasheet HTML 7Page - OSRAM GmbH TSL2561T Datasheet HTML 8Page - OSRAM GmbH TSL2561T Datasheet HTML 9Page - OSRAM GmbH TSL2561T Datasheet HTML 10Page - OSRAM GmbH TSL2561T Datasheet HTML 11Page - OSRAM GmbH TSL2561T Datasheet HTML 12Page - OSRAM GmbH TSL2561T Datasheet HTML 13Page - OSRAM GmbH TSL2561T Datasheet HTML 14Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 37 page
background image
ams Datasheet
Page 9
[v1-01] 2018-Apr-23
Document Feedback
TSL2561 − Electrical Characteristics
Note(s):
1. Optical measurements are made using small-angle incident radiation from light-emitting diode optical sources. Visible 640nm LEDs
and infrared 940nm LEDs are used for final product testing for compatibility with high-volume production.
2. The 640nm irradiance Ee is supplied by an AlInGaP light-emitting diode with the following characteristics: peak wavelength
λp = 640nm and spectral halfwidth Δλ½ = 17nm.
3. The 940nm irradiance Ee is supplied by a GaAs light-emitting diode with the following characteristics: peak wavelength λp =940nm
and spectral halfwidth Δλ½ = 40nm.
4. Integration time Tint, is dependent on internal oscillator frequency (fosc) and on the integration field value in the timing register as
described in the Register Set section. For nominal fosc = 735kHz, nominal Tint = (number of clock cycles)/fosc.
Field value 00: Tint = (11 × 918)/fosc = 13.7ms
Field value 01: Tint = (81 × 918)/fosc = 101ms
Field value 10: Tint = (322 × 918)/fosc = 402ms
Scaling between integration times vary proportionally as follows: 11/322 = 0.034 (field value 00), 81/322 = 0.252 (field value 01),
and 322/322 = 1 (field value 10).
5. Full scale ADC count value is limited by the fact that there is a maximum of one count per two oscillator frequency periods and also
by a 2-count offset.
Full scale ADC count value = ((number of clock cycles)/2 − 2)
Field value 00: Full scale ADC count value = ((11 × 918)/2 − 2) = 5047
Field value 01: Full scale ADC count value = ((81 × 918)/2 − 2) = 37177
Field value 10: Full scale ADC count value = 65535, which is limited by 16-bit register. This full scale ADC count value is reached for
131074 clock cycles, which occurs for Tint = 178ms for nominal fosc = 735kHz.
Rv
Illuminance
responsivity
Fluorescent light
source:
Tint = 402ms
Ch0
36
counts/lux
Ch1
4
Incandescent light
source:
Tint = 402ms
Ch0
144
Ch1
72
ADC count
value ratio:
Ch1/Ch0
Fluorescent light
source:
Tint = 402ms
0.11
Incandescent light
source:
Tint = 402ms
0.5
RV
Illuminance
responsivity,
low gain
mode (6)
Fluorescent light
source:
Tint = 402ms
Ch0
2.3
counts/lux
Ch1
0.25
Incandescent light
source:
Tint = 402ms
Ch0
9
Ch1
4.5
(Sensor
Lux)/(actual
Lux), high gain
mode (7)
Fluorescent light
source:
Tint = 402ms
0.65
1
1.35
Incandescent light
source:
Tint = 402ms
0.60
1
1.40
Symbol
Parameter
Test
Conditions
Channel
TSL2561T
Unit
Min
Typ
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com