Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSL2561T Datasheet(PDF) 4 Page - OSRAM GmbH

Part # TSL2561T
Description  Light-to-Digital Converter
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TSL2561T Datasheet(HTML) 4 Page - OSRAM GmbH

  TSL2561T Datasheet HTML 1Page - OSRAM GmbH TSL2561T Datasheet HTML 2Page - OSRAM GmbH TSL2561T Datasheet HTML 3Page - OSRAM GmbH TSL2561T Datasheet HTML 4Page - OSRAM GmbH TSL2561T Datasheet HTML 5Page - OSRAM GmbH TSL2561T Datasheet HTML 6Page - OSRAM GmbH TSL2561T Datasheet HTML 7Page - OSRAM GmbH TSL2561T Datasheet HTML 8Page - OSRAM GmbH TSL2561T Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 37 page
background image
ams Datasheet
Page 3
[v1-01] 2018-Apr-23
Document Feedback
TSL2561 − General Description
Block Diagram
The functional blocks of this device are shown below:
Figure 2:
TSL2561 Block Diagram
Two-Wire Serial Interface
Address Select
Interrupt
SDA
VDD = 2.7 V to 3.5 V
Channel 0
Visible and IR
Channel 1
IR Only
Command
Register
ADC
Register
INT
SCL
ADDR SEL
Integrating
A/D Converter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com