Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSL2581 Datasheet(PDF) 2 Page - OSRAM GmbH

Part # TSL2581
Description  Light-to-Digital Converter
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TSL2581 Datasheet(HTML) 2 Page - OSRAM GmbH

  TSL2581 Datasheet HTML 1Page - OSRAM GmbH TSL2581 Datasheet HTML 2Page - OSRAM GmbH TSL2581 Datasheet HTML 3Page - OSRAM GmbH TSL2581 Datasheet HTML 4Page - OSRAM GmbH TSL2581 Datasheet HTML 5Page - OSRAM GmbH TSL2581 Datasheet HTML 6Page - OSRAM GmbH TSL2581 Datasheet HTML 7Page - OSRAM GmbH TSL2581 Datasheet HTML 8Page - OSRAM GmbH TSL2581 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 53 page
background image
ams Datasheet
Page 1
[v1-00] 2016-Apr-05
Document Feedback
TSL2580, TSL2581
Light-to-Digital Converter
The TSL2580 and TSL2581 are very-high sensitivity
light-to-digital converters that transform light intensity to a
digital signal output capable of direct I²C (TSL2581) or SMBus
(TSL2580) interface. Each device combines one broadband
photodiode (visible plus infrared) and one infrared-responding
photodiode on a single CMOS integrated circuit capable of
providing a near-photopic response over an effective 16-bit
dynamic range (16-bit resolution). Two integrating ADCs
convert the photodiode currents to a digital output that
represents the irradiance measured on each channel. This
digital output can be input to a microprocessor where
illuminance (ambient light level) in lux is derived using an
empirical formula to approximate the human eye response. The
TSL2580 device permits an SMB-Alert style interrupt, and the
TSL2581 device supports a traditional level style interrupt that
remains asserted until the firmware clears it.
While useful for general purpose light sensing applications, the
TSL2580/81 devices are designed particularly for display panels
(LCD, OLED, etc.) with the purpose of extending battery life and
providing optimum viewing in diverse lighting conditions.
Display panel backlighting, which can account for up to 30 to
40 percent of total platform power, can be automatically
managed. Both devices are also ideal for controlling keyboard
illumination based upon ambient lighting conditions.
Illuminance information can further be used to manage
exposure control in digital cameras. The TSL2580/81 devices are
ideal in notebook/tablet PCs, LCD monitors, flat-panel
televisions, cell phones, and digital cameras. In addition, other
applications include street light control, security lighting,
sunlight harvesting, machine vision, and automotive
instrumentation clusters.
Ordering Information and Content Guide appear at end of
datasheet.
General Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com