Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSL2581 Datasheet(PDF) 22 Page - OSRAM GmbH

Part # TSL2581
Description  Light-to-Digital Converter
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TSL2581 Datasheet(HTML) 22 Page - OSRAM GmbH

Back Button TSL2581 Datasheet HTML 18Page - OSRAM GmbH TSL2581 Datasheet HTML 19Page - OSRAM GmbH TSL2581 Datasheet HTML 20Page - OSRAM GmbH TSL2581 Datasheet HTML 21Page - OSRAM GmbH TSL2581 Datasheet HTML 22Page - OSRAM GmbH TSL2581 Datasheet HTML 23Page - OSRAM GmbH TSL2581 Datasheet HTML 24Page - OSRAM GmbH TSL2581 Datasheet HTML 25Page - OSRAM GmbH TSL2581 Datasheet HTML 26Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 53 page
background image
ams Datasheet
Page 21
[v1-00] 2016-Apr-05
Document Feedback
TSL2580, TSL2581 − Register Set
Control Register (00h)
The CONTROL register primarily used to power the TSL258x
device up and down as shown in Figure 28.
Figure 28:
Control Register
Note(s):
1. ADC_EN and POWER must be asserted before the ADC changes will operate correctly. After POWER is asserted, a 2-ms delay is
required before asserting ADC_EN.
2. The TSL258x device registers should be configured before ADC_EN is asserted.
76
5
4
3
2
1
0
Resv
Resv
ADC_INTR
ADC_VALID
Resv
Resv
ADC_EN
POWER
Field
Bits
Description
Resv
7:6
Reserved. Write as 0.
ADC_INTR
5
ADC Interrupt. Read only. Indicates that the device is asserting an interrupt.
ADC_VALID
4
ADC Valid. Read only. Indicates that the ADC channel has completed an
integration cycle.
Resv
3
Reserved. Write as 0.
Resv
2
Reserved. Write as 0.
ADC_EN
1
ADC Enable. This field enables the two ADC channels to begin integration.
Writing a 1 activates the ADC channels, and writing a 0 disables the ADCs.
POWER
0
Power On. Writing a 1 powers on the device, and writing a 0 turns it off.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com