Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSL25721 Datasheet(PDF) 18 Page - OSRAM GmbH

Part # TSL25721
Description  Light-to-Digital Converter
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TSL25721 Datasheet(HTML) 18 Page - OSRAM GmbH

Back Button TSL25721 Datasheet HTML 14Page - OSRAM GmbH TSL25721 Datasheet HTML 15Page - OSRAM GmbH TSL25721 Datasheet HTML 16Page - OSRAM GmbH TSL25721 Datasheet HTML 17Page - OSRAM GmbH TSL25721 Datasheet HTML 18Page - OSRAM GmbH TSL25721 Datasheet HTML 19Page - OSRAM GmbH TSL25721 Datasheet HTML 20Page - OSRAM GmbH TSL25721 Datasheet HTML 21Page - OSRAM GmbH TSL25721 Datasheet HTML 22Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 41 page
background image
Datasheet, Public
Page 17
[v2-00] 2022-Nov-30
Document Feedback
TSL2572 − Principles Of Operation
System State Machine Timing
The system state machine shown in Figure 16 provides an
overview of the states and state transitions that provide system
control of the device. This section highlights the programmable
features, which affect the state machine cycle time, and
provides details to determine system level timing.
When the power management feature is enabled (WEN), the
state machine will transition in turn to the Wait state. The wait
time is determined by WLONG, which extends normal operation
by 12× when asserted, and WTIME. The formula to determine
the wait time is given in the box associated with the Wait state
in Figure 19.
When the ALS feature is enabled (AEN), the state machine will
transition through the ALS Init and ALS ADC states. The ALS Init
state takes 2.73 ms, while the ALS ADC time is dependent on
the integration time (ATIME). The formula to determine ALS ADC
time is given in the associated box in Figure 19. If an interrupt
is generated as a result of the ALS cycle, it will be asserted at
the end of the ALS ADC state and transition to the Sleep state
if SAI is enabled.
Figure 19:
Detailed State Diagram
Note(s):
1. PON, WEN, AEN, and SAI are fields in the Enable register (0x00).
Wait
Sleep
Idle
WTIME: 1 ~ 256 steps
WLONG = 0
WLONG = 1
Time:
2.73 ms/step
32.8 ms/step
Range:
2.73 ms ~ 699 ms
32.8 ms ~ 8.39s
Time: 2.73 ms
ATIME: 1 ~ 256 steps
Time: 2.73 ms/step
Range: 2.73 ms ~ 699 ms
INT & SAI
!PON
I2C Start
ALS
Init
WEN
& AEN
ALS
ADC
!WEN
& AEN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com