Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSL25721 Datasheet(PDF) 28 Page - OSRAM GmbH

Part # TSL25721
Description  Light-to-Digital Converter
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TSL25721 Datasheet(HTML) 28 Page - OSRAM GmbH

Back Button TSL25721 Datasheet HTML 24Page - OSRAM GmbH TSL25721 Datasheet HTML 25Page - OSRAM GmbH TSL25721 Datasheet HTML 26Page - OSRAM GmbH TSL25721 Datasheet HTML 27Page - OSRAM GmbH TSL25721 Datasheet HTML 28Page - OSRAM GmbH TSL25721 Datasheet HTML 29Page - OSRAM GmbH TSL25721 Datasheet HTML 30Page - OSRAM GmbH TSL25721 Datasheet HTML 31Page - OSRAM GmbH TSL25721 Datasheet HTML 32Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 41 page
background image
Datasheet, Public
Page 27
[v2-00] 2022-Nov-30
Document Feedback
TSL2572 − Register Overview
Status Register (0x13)
The Status Register provides the internal status of the device.
This register is read only.
Figure 31:
Status Register
ADC Channel Data Registers (0x14 - 0x17)
ALS data is stored as two 16-bit values. To ensure the data is
read correctly, a two-byte read I²C transaction should be used
with auto increment protocol bits set in the command register.
With this operation, when the lower byte register is read, the
upper eight bits are stored in a shadow register, which is read
by a subsequent read to the upper byte. The upper register will
read the correct value even if additional ADC integration cycles
end between the reading of the lower and upper registers.
Figure 32:
ADC Channel Data Registers
Field
Bit
Description
Reserved
7:5
Reserved. Bits read as 0.
AINT
4
ALS Interrupt. Indicates that the device is asserting an ALS interrupt.
Reserved
3:1
Reserved. Bits read as 0.
AVALID
0
ALS Valid. Indicates that the ALS channels have completed an
integration cycle after AEN has been asserted.
Register
Address
Bits
Description
C0DATA
0x14
7:0
ALS CH0 data low byte.
C0DATAH
0x15
7:0
ALS CH0 data high byte.
C1DATA
0x16
7:0
ALS CH1 data low byte.
C1DATAH
0x17
7:0
ALS CH1 data high byte.
6
75
4
AVALID
2
31
0
STATUS
Reserved
AINT
Reset
0x00
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com