Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSL27711FN Datasheet(PDF) 30 Page - OSRAM GmbH

Part # TSL27711FN
Description  Light-to-Digital Converter with Proximity Sensing
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TSL27711FN Datasheet(HTML) 30 Page - OSRAM GmbH

Back Button TSL27711FN Datasheet HTML 26Page - OSRAM GmbH TSL27711FN Datasheet HTML 27Page - OSRAM GmbH TSL27711FN Datasheet HTML 28Page - OSRAM GmbH TSL27711FN Datasheet HTML 29Page - OSRAM GmbH TSL27711FN Datasheet HTML 30Page - OSRAM GmbH TSL27711FN Datasheet HTML 31Page - OSRAM GmbH TSL27711FN Datasheet HTML 32Page - OSRAM GmbH TSL27711FN Datasheet HTML 33Page - OSRAM GmbH TSL27711FN Datasheet HTML 34Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 51 page
background image
ams Datasheet
Page 29
[v1-00] 2016-Mar-22
Document Feedback
TSL2771 − Register Set
ALS Timing Register (0x01)
The ALS timing register controls the internal integration time
of the ALS channel ADCs in 2.72 ms increments.
Figure 30:
ALS Timing Register
Proximity Time Control Register (0x02)
The proximity timing register controls the integration time of
the proximity ADC in 2.72 ms increments. It is recommended
that this register be programmed to a value of 0xFF (1
integration cycle).
Figure 31:
Proximity Time Control Register
Field
Bits
Description
ATIME
7:0
VALUE
INTEG_CYCLES
TIME
MAX COUNT
0xFF
1
2.72 ms
1024
0xF6
10
27.2 ms
10240
0xDB
37
101 ms
37888
0xC0
64
174 ms
65535
0x00
256
696 ms
65535
Field
Bits
Description
PTIME
7:0
VALUE
INTEG_CYCLES
TIME
MAX COUNT
0xFF
1
2.72 ms
1023



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com