Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSL27711FN Datasheet(PDF) 40 Page - OSRAM GmbH

Part # TSL27711FN
Description  Light-to-Digital Converter with Proximity Sensing
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TSL27711FN Datasheet(HTML) 40 Page - OSRAM GmbH

Back Button TSL27711FN Datasheet HTML 36Page - OSRAM GmbH TSL27711FN Datasheet HTML 37Page - OSRAM GmbH TSL27711FN Datasheet HTML 38Page - OSRAM GmbH TSL27711FN Datasheet HTML 39Page - OSRAM GmbH TSL27711FN Datasheet HTML 40Page - OSRAM GmbH TSL27711FN Datasheet HTML 41Page - OSRAM GmbH TSL27711FN Datasheet HTML 42Page - OSRAM GmbH TSL27711FN Datasheet HTML 43Page - OSRAM GmbH TSL27711FN Datasheet HTML 44Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 51 page
background image
ams Datasheet
Page 39
[v1-00] 2016-Mar-22
Document Feedback
TSL2771 − Application Information Hardware
If it is not possible to provide two separate power supplies, the
device can be operated from a single supply. A 22-
Ω resistor in
series with the VDD supply line and a 1-μF low ESR capacitor
effectively filter any power supply noise. The previous capacitor
placement considerations apply.
Figure 44:
Proximity Sensing Using Single Power Supply
VBUS in the above figures refers to the I²C bus voltage which is
either VDD or 1.8 V. Be sure to apply the specified I²C bus voltage
shown in the Ordering Information for the specific device being
used.
The I²C signals and the Interrupt are open-drain outputs and
require pull-up resistors. The pull-up resistor (RP) value is a
function of the I²C bus speed, the I²C bus voltage, and the
capacitive load. The ams EVM running at 400 kbps, uses 1.5-k
Ω
resistors. A 10-k
Ω pull-up resistor (RPI) can be used for the
interrupt line.
TSL2771
INT
SDA
SCL
VDD
LDR
1
mF
Voltage
Regulator
. 22 mF
IR LED
GND
VBUS
RP
RP
RPI
1
mF
22
W
* Cap Value Per Regulator Manufacturer Recommendation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com