Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSL2772 Datasheet(PDF) 12 Page - OSRAM GmbH

Part # TSL2772
Description  Light-to-Digital Converter with Proximity Sensing
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TSL2772 Datasheet(HTML) 12 Page - OSRAM GmbH

Back Button TSL2772 Datasheet HTML 8Page - OSRAM GmbH TSL2772 Datasheet HTML 9Page - OSRAM GmbH TSL2772 Datasheet HTML 10Page - OSRAM GmbH TSL2772 Datasheet HTML 11Page - OSRAM GmbH TSL2772 Datasheet HTML 12Page - OSRAM GmbH TSL2772 Datasheet HTML 13Page - OSRAM GmbH TSL2772 Datasheet HTML 14Page - OSRAM GmbH TSL2772 Datasheet HTML 15Page - OSRAM GmbH TSL2772 Datasheet HTML 16Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 58 page
background image
Datasheet, Public
Page 11
[v2-00] 2023-Mar-30
Document Feedback
TSL2772 − Absolute Maximum Ratings
Figure 11:
Wait Characteristics, VDD = 3V, TA = 25°C, WEN = 1 (unless otherwise noted)
Note(s):
1. Parameter ensured by design and is not tested.
Figure 12:
AC Electrical Characteristics, VDD = 3 V, TA = 25°C, (unless otherwise noted)
Note(s):
1. Specified by design and characterization; not production tested.
Parameter
Test
Conditions
Channel
Min
Typ
Max
Unit
Wait step size
WTIME = 0xFF
2.58
2.73
2.9
ms
Wait number of integration steps (1)
1256
steps
Symbol
Parameter (1)
Test
Conditions
Min
Typ
Max
Unit
f(SCL)
Clock frequency (I²C only)
0
400
kHz
t(BUF)
Bus free time between start and stop
condition
1.3
μs
t(HDSTA)
Hold time after (repeated) start
condition. After this period, the first
clock is generated.
0.6
μs
t(SUSTA)
Repeated start condition setup time
0.6
μs
t(SUSTO)
Stop condition setup time
0.6
μs
t(HDDAT)
Data hold time
0
μs
t(SUDAT)
Data setup time
100
ns
t(LOW)
SCL clock low period
1.3
μs
t(HIGH)
SCL clock high period
0.6
μs
tF
Clock/data fall time
300
ns
tR
Clock/data rise time
300
ns
Ci
Input pin capacitance
10
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com