Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSL2772 Datasheet(PDF) 2 Page - OSRAM GmbH

Part # TSL2772
Description  Light-to-Digital Converter with Proximity Sensing
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TSL2772 Datasheet(HTML) 2 Page - OSRAM GmbH

  TSL2772 Datasheet HTML 1Page - OSRAM GmbH TSL2772 Datasheet HTML 2Page - OSRAM GmbH TSL2772 Datasheet HTML 3Page - OSRAM GmbH TSL2772 Datasheet HTML 4Page - OSRAM GmbH TSL2772 Datasheet HTML 5Page - OSRAM GmbH TSL2772 Datasheet HTML 6Page - OSRAM GmbH TSL2772 Datasheet HTML 7Page - OSRAM GmbH TSL2772 Datasheet HTML 8Page - OSRAM GmbH TSL2772 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 58 page
background image
Datasheet, Public
Page 1
[v2-00] 2023-Mar-30
Document Feedback
TSL2772
Light-to-Digital Converter with
Proximity Sensing
The TSL2772 device family provides both ambient light sensing
(ALS) and, when coupled with an external IR LED, proximity
detection. The device family is based on the ams OSRAM
patented dual-diode technology that enables accurate ALS
results and approximates human eye response to light intensity
under a variety of lighting conditions.
The TSL2772 ALS includes a reduced-gain mode that extends
the operating range to 60k lux in sunlight. The device package
incorporates a UV-rejection filter that enables accurate ALS. The
TSL2772 proximity detection includes improved
signal-to-noise performance and selectable gain modes. A
proximity offset register allows compensation for optical
system crosstalk between the IR LED and the sensor. To prevent
false proximity data measurement readings, a proximity
saturation indicator bit signals that the internal analog circuitry
has reached saturation.
Ordering Information and Content Guide appear at end of
datasheet.
Key Benefits & Features
The benefits and features of TSL2772, Light-to-Digital
Converter with Proximity Sensing are listed below:
Figure 1:
Added Value Of Using TSL2772
Benefits
Features
• Enables operation in IR light environments
• Patented dual-diode architecture
• Enables operation in 60k lux sunlight and accurate
sensing behind spectrally distorting materials
• 8M:1 dynamic range
• Improves lux accuracy across varying light sources
• UV-Rejection package
• Compensates for internal system offset or IR led
crosstalk
• Proximity offset adjustment
• Prevents false proximity detection in bright light
• Proximity saturation indicator bit
General Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com