Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSL26725 Datasheet(PDF) 23 Page - OSRAM GmbH

Part # TSL26725
Description  Digital Proximity Detector
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TSL26725 Datasheet(HTML) 23 Page - OSRAM GmbH

Back Button TSL26725 Datasheet HTML 19Page - OSRAM GmbH TSL26725 Datasheet HTML 20Page - OSRAM GmbH TSL26725 Datasheet HTML 21Page - OSRAM GmbH TSL26725 Datasheet HTML 22Page - OSRAM GmbH TSL26725 Datasheet HTML 23Page - OSRAM GmbH TSL26725 Datasheet HTML 24Page - OSRAM GmbH TSL26725 Datasheet HTML 25Page - OSRAM GmbH TSL26725 Datasheet HTML 26Page - OSRAM GmbH TSL26725 Datasheet HTML 27Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 47 page
background image
Page 22
ams Datasheet
Document Feedback
[v1-01] 2019-Nov-20
TSL2672 − Principles O f Operation
Figure 25:
Average IDD Current
I²C Protocol
Interface and control are accomplished through an I²C serial
compatible interface (standard or fast mode) to a set of registers
that provide access to device control functions and output data.
The devices support the 7-bit I²C addressing protocol.
The I²C standard provides for three types of bus transaction:
read, write, and a combined protocol (Figure 26). During a write
operation, the first byte written is a command byte followed by
data. In a combined protocol, the first byte written is the
command byte followed by reading a series of bytes. If a read
command is issued, the register address from the previous
command will be used for data access. Likewise, if the MSB of
the command is not set, the device will write a series of bytes
at the address stored in the last valid command with a register
address. The command byte contains either control information
or a 5-bit register address. The control commands can also be
used to clear interrupts.
The I²C bus protocol was developed by Philips (now NXP). For
a complete description of the I²C protocol, please review the
NXP I²C design specification at
http://www.i2c-bus.org/references/.
WEN
WTIME
WLONG
WAIT State
Average I
DD Current
0
n/a
n/a
0 ms
622
μA
1
0xFF
0
2.73 ms
490
μA
1
0xEE
0
49.2 ms
167
μA
1
0x00
0
699 ms
97
μA
1
0x00
1
8389 ms
91
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com