Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSL26725 Datasheet(PDF) 33 Page - OSRAM GmbH

Part # TSL26725
Description  Digital Proximity Detector
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TSL26725 Datasheet(HTML) 33 Page - OSRAM GmbH

Back Button TSL26725 Datasheet HTML 29Page - OSRAM GmbH TSL26725 Datasheet HTML 30Page - OSRAM GmbH TSL26725 Datasheet HTML 31Page - OSRAM GmbH TSL26725 Datasheet HTML 32Page - OSRAM GmbH TSL26725 Datasheet HTML 33Page - OSRAM GmbH TSL26725 Datasheet HTML 34Page - OSRAM GmbH TSL26725 Datasheet HTML 35Page - OSRAM GmbH TSL26725 Datasheet HTML 36Page - OSRAM GmbH TSL26725 Datasheet HTML 37Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 47 page
background image
Page 32
ams Datasheet
Document Feedback
[v1-01] 2019-Nov-20
TSL2672 − Principles O f Operation
Proximity Data Registers (0x18 - 0x19)
Proximity data is stored as a 16-bit value. When the lower byte
is read, the upper byte is latched into a shadow register. The
shadow register ensures that both bytes are the result of the
same proximity cycle, even if additional proximity cycles occur
between the lower byte and upper byte register readings. The
simplest way to read both bytes is to perform a two-byte I²C
read operation using the auto-increment protocol, which is set
in the Command register TYPE field.
Figure 39:
Proximity Data Registers
Proximity Offset Register (0x1E)
The 8-bit proximity offset register provides compensation for
proximity offsets caused by device variations, optical crosstalk,
and other environmental factors. Proximity offset is a
sign-magnitude value where the sign bit, bit 7, determines if
the offset is negative (bit 7 = 0) or positive (bit 7 = 1). At power
up, the register is set to 0x00. The magnitude of the offset
compensation depends on the proximity gain (PGAIN),
proximity LED drive strength (PDRIVE), and the number of
proximity pulses (PPULSE). Because a number of environmental
factors contribute to proximity offset, this register is best suited
for use in an adaptive closed-loop control system. See available
ams application notes for proximity offset register application
information.
Figure 40:
Proximity Offset Register
Register
Address
Bits
Description
PDATAL
0x18
7:0
Proximity data low byte
PDATAH
0x19
7:0
Proximity data high byte
76
5
4
3
2
1
0
SIGN
MAGNITUDE
Field
Bit
Description
SIGN
7
Proximity Offset Sign. The offset sign shifts the proximity data negative when equal to
0 and positive when equal to 1.
MAGNITUDE
6:0
Proximity Offset Magnitude. The offset magnitude shifts the proximity data positive
or negative, depending on the proximity offset sign. The actual amount of the shift
depends on the proximity gain (PGAIN), proximity LED drive strength (PDRIVE), and
the number of proximity pulses (PPULSE).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com