Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSL27715 Datasheet(PDF) 13 Page - OSRAM GmbH

Part # TSL27715
Description  Light-to-Digital Converter with Proximity Sensing
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TSL27715 Datasheet(HTML) 13 Page - OSRAM GmbH

Back Button TSL27715 Datasheet HTML 9Page - OSRAM GmbH TSL27715 Datasheet HTML 10Page - OSRAM GmbH TSL27715 Datasheet HTML 11Page - OSRAM GmbH TSL27715 Datasheet HTML 12Page - OSRAM GmbH TSL27715 Datasheet HTML 13Page - OSRAM GmbH TSL27715 Datasheet HTML 14Page - OSRAM GmbH TSL27715 Datasheet HTML 15Page - OSRAM GmbH TSL27715 Datasheet HTML 16Page - OSRAM GmbH TSL27715 Datasheet HTML 17Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 51 page
background image
Page 12
ams Datasheet
Document Feedback
[v1-00] 2016-Mar-22
TSL2771 − Typical Operating Characteristics
Figure 13:
Spectral Responsivity
Figure 14:
Typical LDR Current vs. Voltage
Typical Operating
Characteristics
λ − Wavelength − nm
0
400
0.2
0.4
0.6
0.8
1
500
600
700
800
900
1000 1100
300
Ch 0
Ch 1
25 mA
12.5 mA
LDR Voltage − V
50 mA
100 mA
0
0.5
1
1.5
2
2.5
0
20
40
60
80
100
120
140
160
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com